Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV991 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSV991
Description  Rail-to-rail input/output 20MHz GBP operational amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV991 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSV991 Datasheet HTML 2Page - STMicroelectronics TSV991 Datasheet HTML 3Page - STMicroelectronics TSV991 Datasheet HTML 4Page - STMicroelectronics TSV991 Datasheet HTML 5Page - STMicroelectronics TSV991 Datasheet HTML 6Page - STMicroelectronics TSV991 Datasheet HTML 7Page - STMicroelectronics TSV991 Datasheet HTML 8Page - STMicroelectronics TSV991 Datasheet HTML 9Page - STMicroelectronics TSV991 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
TSV991-TSV992-TSV994
6/18
Table 4.
Electrical characteristics at VCC = +3.3V, VDD = 0V, Vicm = VCC/2, Tamb=25°C,
RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV99x
-0.1
4.5
mV
Tmin < Top < Tmax
--
7.5
TSV99xA
--
1.5
Tmin < Top < Tmax
--
3
DVio
Input offset voltage drift
-
2
-
µV/°C
Iio
Input offset current(1)
-
1
10
pA
Iib
Input bias current(1)
-
1
10
pA
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0V to 3.3V, Vout = 1.65V
60
78
-
dB
Avd
Large signal voltage gain
RL=10kΩ, Vout= 0.5V to 2.8V
80
90
-
dB
VCC-VOH High level output voltage
RL =10kΩ
RL =600Ω
15
45
40
150
mV
VOL
Low level output voltage
RL =10kΩ
RL =600Ω
-
15
45
40
150
mV
Iout
Isink
Vo = 3.3V
18
32
-
mA
Tmin < Tamb < Tmax
16
-
-
Isource
Vo = 0V
18
35
-
Tmin < Tamb < Tmax
16
-
-
ICC
Supply current (per operator)
No load, Vout=VCC/2
-
0.8
1.1
mA
Tmin < Top < Tmax
--
1.1
AC performance
GBP
Gain bandwidth product
RL =2kΩ, CL = 100pF, f = 100kHz
-
20
-
MHz
φm
Phase margin
RL =2kΩ, CL = 100pF, G=5
-
60
-
Degrees
Gm
Gain margin
RL =2kΩ, CL = 100pF,
f = 100kHz,
φm=40°
-2.5
-
dB
SR
Slew rate
RL =2kΩ, CL = 100pF, f = 100kHz
-
10
-
V/µs
en
Equivalent input noise voltage
f=10kHz
-
21
-
THD+en Total harmonic distortion
G=1, f=1kHz, Rl=2k
Ω,
BW=22kHz, Vicm=(Vcc+1)/2,
Vout=1.9Vpp
-
0.001
-
%
1.
Guaranteed by design.
nV
Hz
------------


Similar Part No. - TSV991

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
List of Unclassifed Man...
TSV991 ETC2-TSV991 Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
TSV991A ETC2-TSV991A Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991AILT STMICROELECTRONICS-TSV991AILT Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
List of Unclassifed Man...
TSV991AILT ETC2-TSV991AILT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
More results

Similar Description - TSV991

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
TSV911 STMICROELECTRONICS-TSV911 Datasheet
344Kb / 18P
   Rail-to-rail input/output 8MHz operational amplifiers
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com