Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSUS5200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSUS5200
Description  Infrared Emitting Diode, 950 nm, GaAs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSUS5200 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSUS5200 Datasheet HTML 1Page - Vishay Siliconix TSUS5200 Datasheet HTML 2Page - Vishay Siliconix TSUS5200 Datasheet HTML 3Page - Vishay Siliconix TSUS5200 Datasheet HTML 4Page - Vishay Siliconix TSUS5200 Datasheet HTML 5Page - Vishay Siliconix TSUS5200 Datasheet HTML 6Page - Vishay Siliconix TSUS5200 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSUS520.
Document Number 81055
Rev. 2.0, 23-Feb-07
Vishay Semiconductors
www.vishay.com
1
94 8389
Infrared Emitting Diode, 950 nm, GaAs
Description
TSUS520. series are infrared emitting diodes in stan-
dard GaAs on GaAs technology, molded in a clear,
blue-grey tinted plastic package. The devices are
spectrally matched to silicon photodiodes and pho-
totransistors.
Features
• Low cost emitter
• Low forward voltage
• High radiant power and radiant intensity
• Suitable for DC and high pulse current
operation
• Standard T-1¾ (
∅ 5 mm) package
• Angle of half intensity
ϕ = ± 15°
• Peak wavelength
λ
p = 950 nm
• High reliability
• Good spectral matching to Si photodetectors
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• Infrared remote control and free air transmission
systems with low forward voltage and low cost
requirements in combination with PIN photodiodes
or phototransistors.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
e2
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
5V
Forward current
IF
150
mA
Peak forward current
tp/T = 0.5, tp = 100 µs
IFM
300
mA
Surge forward current
tp = 100 µs
IFSM
2.5
A
Power dissipation
PV
210
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 55 to + 100
°C
Storage temperature range
Tstg
- 55 to + 100
°C
Soldering temperature
t
≤ 5 sec, 2 mm from case
Tsd
260
°C
Thermal resistance junction/
ambient
RthJA
375
K/W


Similar Part No. - TSUS5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS5200 VISHAY-TSUS5200 Datasheet
110Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 2.1, 05-Sep-08
TSUS5200 VISHAY-TSUS5200 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
TSUS5200 VISHAY-TSUS5200 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.3, 24-Aug-11
TSUS5200 VISHAY-TSUS5200 Datasheet
120Kb / 6P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2021
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
More results

Similar Description - TSUS5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.9, 20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.4, 03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.0, 29-Sep-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.3, 24-Aug-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2021
CQY37N VISHAY-CQY37N_11 Datasheet
278Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.7, 08-Mar-11
TSUS3400 VISHAY-TSUS3400 Datasheet
108Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.5, 25-Aug-11
TSUS5400 VISHAY-TSUS5400_11 Datasheet
111Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.8, 24-Aug-11
TSSS2600 VISHAY-TSSS2600_11 Datasheet
108Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.7, 24-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com