Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25839-C6104-M000 Datasheet(PDF) 8 Page - EPCOS

Part # B25839-C6104-M000
Description  Capacitors for Power Electronics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25839-C6104-M000 Datasheet(HTML) 8 Page - EPCOS

  B25839-C6104-M000 Datasheet HTML 1Page - EPCOS B25839-C6104-M000 Datasheet HTML 2Page - EPCOS B25839-C6104-M000 Datasheet HTML 3Page - EPCOS B25839-C6104-M000 Datasheet HTML 4Page - EPCOS B25839-C6104-M000 Datasheet HTML 5Page - EPCOS B25839-C6104-M000 Datasheet HTML 6Page - EPCOS B25839-C6104-M000 Datasheet HTML 7Page - EPCOS B25839-C6104-M000 Datasheet HTML 8Page - EPCOS B25839-C6104-M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
212
Siemens Matsushita Components
1
µF / 700 Vac
Ordering code: B25839-C6105-K000
Characteristics
CN, tol.
1
µF ± 10 %
UN
AC 700 V
Imax
10 A
Lself
60 nH
tan
δ
0
2 · 10–4
RS
39 m
Maximum ratings
û
880 V
us
1200 V
î
150 A
Is
380 A
(d
u/dt)max
150 V/
µs
(d
u/dt)s
380 V/
µs
Test data
UTT
AC 880 V, 10 s
Ris
≥ 3000 MΩ
tan
δ (50 Hz) ≤ 3 · 10–4
Climatic data
Θ
min
– 25
°C
Θ
max
+ 85
°C
Humidity
Average relative humidity
≤ 75 %
α
FQ(co)
1000/109 h
tLD(co)
100000 h
Θ
stg
– 55 to + 85
°C
IEC climatic category: 25/085/56
(IEC 68-1 and 2)
Θ
test
+ 40
°C
Rel. humidity 93 %
ttest
56 days
∆C/C
≤ 1%
∆ tan δ≤ 3 · 10–4
Ris
≥ 1000 MΩ
Design data
Dimensions
∅× l
20,8 mm
× 75 mm
Approx. weight
30 g
Impregnation
Oil
Terminals
Leads
Creepage distance
6,5 mm
Clearance
6,5 mm
KLK1590-A
ø0,8
B 25 839
Coupling, Damping


Similar Part No. - B25839-C6104-M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25832 EPCOS-B25832 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4106K009 EPCOS-B25832C4106K009 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4106K009 EPCOS-B25832C4106K009 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4126K009 EPCOS-B25832C4126K009 Datasheet
276Kb / 10P
   MKV AC capacitors
B25832C4126K009 EPCOS-B25832C4126K009 Datasheet
276Kb / 10P
   MKV AC capacitors
More results

Similar Description - B25839-C6104-M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667-A2507-A175 EPCOS-B25667-A2507-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4177-A375 EPCOS-B25667-A4177-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4207-A365 EPCOS-B25667-A4207-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A365 EPCOS-B25667-A4237-A365 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4237-A375 EPCOS-B25667-A4237-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4277-A375 EPCOS-B25667-A4277-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4307-A365 EPCOS-B25667-A4307-A365 Datasheet
36Kb / 2P
   Capacitors for Power Electronics
B25667-A4347-A365 EPCOS-B25667-A4347-A365 Datasheet
36Kb / 2P
   Capacitors for Power Electronics
B25667-A4387-A375 EPCOS-B25667-A4387-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A5726-A375 EPCOS-B25667-A5726-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A2317-A175 EPCOS-B25667-A2317-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com