Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSHG6200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSHG6200
Description  High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHG6200 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSHG6200 Datasheet HTML 1Page - Vishay Siliconix TSHG6200 Datasheet HTML 2Page - Vishay Siliconix TSHG6200 Datasheet HTML 3Page - Vishay Siliconix TSHG6200 Datasheet HTML 4Page - Vishay Siliconix TSHG6200 Datasheet HTML 5Page - Vishay Siliconix TSHG6200 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSHG6200
Document Number 81078
Rev. 1.5, 28-Nov-06
Vishay Semiconductors
www.vishay.com
1
94 8390
High Speed Infrared Emitting Diode, 850 nm,
GaAlAs Double Hetero
Description
TSHG6200 is a high speed infrared emitting diode in
GaAlAs double hetero (DH) technology, molded in a
clear, untinted plastic package.
The new technology combines high speed with high
radiant power at wavelength of 850 nm.
Features
• High modulation bandwidth
• Extra high radiant power and radiant
intensity
• Low forward voltage
• Suitable for high pulse current operation
• Standard package T-1¾ (
∅ 5 mm)
• Angle of half intensity
ϕ = ± 10°
• Peak wavelength
λ
p = 850 nm
• High reliability
• Good spectral matching to Si photodetectors
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• Infrared radiation source for CMOS cameras
(illumination). High speed IR data transmission.
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
e2
Part
Remarks
TSHG6200
MOQ: 4000 pc
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
5V
Forward current
IF
100
mA
Peak forward current
tp/T = 0.5, tp = 100 µs
IFM
200
mA
Surge forward current
tp = 100 µs
IFSM
1A
Power dissipation
PV
250
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 sec, 2 mm from case
Tsd
260
°C
Thermal resistance junction/
ambient
RthJA
300
K/W


Similar Part No. - TSHG6200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHG6200 VISHAY-TSHG6200 Datasheet
116Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Dec-07
TSHG6200 VISHAY-TSHG6200 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSHG6200 VISHAY-TSHG6200 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.8, 24-Aug-11
TSHG6200 VISHAY-TSHG6200 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG6200 VISHAY-TSHG6200 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Similar Description - TSHG6200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHG6410 VISHAY-TSHG6410_09 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 08-Jul-09
TSHG6200 VISHAY-TSHG6200_07 Datasheet
116Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Dec-07
TSHG5410 VISHAY-TSHG5410_11 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
TSHG6200 VISHAY-TSHG6200_V01 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2022
TSHG5210 VISHAY-TSHG5210_V02 Datasheet
107Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2023
TSHG6410 VISHAY-TSHG6410_V02 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
01-Jan-2023
TSHG5210 VISHAY-TSHG5210_09 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
TSHG6210 VISHAY-TSHG6210_09 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
VSMG3700 VISHAY-VSMG3700_10 Datasheet
127Kb / 6P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.4, 06-Oct-10
TSHG6400 VISHAY-TSHG6400_09 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.1, 29-Jun-09
TSHG6400 VISHAY-TSHG6400_11 Datasheet
106Kb / 5P
   High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero
Rev. 1.2, 23-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com