Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43521C5567M000 Datasheet(PDF) 3 Page - EPCOS

Part # B43521C5567M000
Description  Capacitors with 4 Snap-In Terminals and Solder Pins
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43521C5567M000 Datasheet(HTML) 3 Page - EPCOS

  B43521C5567M000 Datasheet HTML 1Page - EPCOS B43521C5567M000 Datasheet HTML 2Page - EPCOS B43521C5567M000 Datasheet HTML 3Page - EPCOS B43521C5567M000 Datasheet HTML 4Page - EPCOS B43521C5567M000 Datasheet HTML 5Page - EPCOS B43521C5567M000 Datasheet HTML 6Page - EPCOS B43521C5567M000 Datasheet HTML 7Page - EPCOS B43521C5567M000 Datasheet HTML 8Page - EPCOS B43521C5567M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
190 10/02
Max. Ripple Current 85 °C
B43511 / B43521
Dimensional drawings
B43511, 4 snap-in terminals
Pole markings: Plus:
+; Minus:
All pin holes must be drilled into the PC-board, since the unconnected pins serve as mountings.
These pins must be soldered to isolated pads or pads with the same potential as the negative pole
(solder pin and 4 snap-in terminals).
KAL0401-H
Pluspol-
Kennzeichnung
Kennzeichnung
Minuspol
Montagelochung
22,5±0,1
2±0,1
+0,2
0,1
0,8 _
0,8
1,5±0,2
Plus pole marking
Mounting holes
Minus pole marking
Dimensions (mm) Approx.
weight (g)
Packing units
(pieces)
d +1
l
± 2 l
max
35
35
35
35
35
50
60
70
80
100
54
64
74
84
104
63
76
88
101
126
60
36
36
36
36
40
40
40
40
40
40
40
50
60
70
80
100
44
54
64
74
84
104
71
89
107
125
143
178
33
33
33
33
33
33
45
45
45
45
45
45
40
50
60
70
80
100
90
113
136
158
181
226
28
28
28
28
28
28
B43521, solder pins
1) Permissible range of
positions for pole
identification marks
KAL0400-9
0,8x1,1
3
17,5±0,1
20±0,1
ø1,3+0,1
4
3
2
1
4
3
1
2
1
2
3
ø1,3+0,1
7,5±0,1
17,5±0,1
15
1)
1)
15
d
0,1
_
d = 35 mm
= 40 mm
d
Montagelochung (Ansicht von der Lötseite)
1
Mounting holes (view onto solder side)
+
++
+
+0,2
0,1
0,8 _
0,8
1,5±0,2
KAL0401-H
Standard snap-in terminals: length (6,3
± 1) mm.
Also available with a length of (4,5 –1) mm.
For ordering example cf. page 191


Similar Part No. - B43521C5567M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43521C5567M000 EPCOS-B43521C5567M000 Datasheet
831Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B43521C5567M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
255Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
EPCOS
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R34-3X2X-XXX POWERDYNAMICS-42R34-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com