Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4354A0108M000 Datasheet(PDF) 2 Page - EPCOS

Part # B4354A0108M000
Description  Capacitors with 4 Snap-In Terminals and Solder Pins
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4354A0108M000 Datasheet(HTML) 2 Page - EPCOS

  B4354A0108M000 Datasheet HTML 1Page - EPCOS B4354A0108M000 Datasheet HTML 2Page - EPCOS B4354A0108M000 Datasheet HTML 3Page - EPCOS B4354A0108M000 Datasheet HTML 4Page - EPCOS B4354A0108M000 Datasheet HTML 5Page - EPCOS B4354A0108M000 Datasheet HTML 6Page - EPCOS B4354A0108M000 Datasheet HTML 7Page - EPCOS B4354A0108M000 Datasheet HTML 8Page - EPCOS B4354A0108M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
198 10/02
Wide Temperature Range 105 °C
B43514 / B43524
Specifications and characteristics in brief
Rated voltage
UR
Surge voltage
US
350 to 450 VDC
1,1 ·
UR
Rated capacitance
CR
Capacitance tolerance
330 … 2 200
µF
± 20 % M
Leakage current
IL
(5 min, 20 °C)
Self-inductance
ESL
Approx. 20 nH
Useful life
105 °C,
UR; I~R
40 °C,
UR; 2,2 · I~R
> 3 000 h
> 200 000 h
Requirements:
C/C
≤ ± 30 % of initial value
ESR
≤ 3 times initial specified limit
IL
≤ initial specified limit
Failure percentage:
≤ 1 %
Failure rate:
≤ 40 fit (≤ 40 · 10–9/h)
(for definiton “fit”, refer to chapter
“Quality”, page 62)
Voltage endurance test
105 °C;
UR
2 000 h
Post test requirements:
C/C
≤ ± 10 % of initial value
ESR
≤ 1,3 times initial specified limit
IL
≤ initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc:
displacement amplitude 0,35 mm, frequency range 10
… 55 Hz,
acceleration max. 5
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
UR ≤ 400 VDC: 40/105/56 (– 40 °C/+ 105 °C/56 days damp heat test)
UR > 400 VDC: 25/105/56 (– 25 °C/+ 105 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-808
IEC 60384-4
I
L
0,3
µA
C
R
µF
-------
U
R
V
-------
èø
æö
0,7
4
µA
+


Similar Part No. - B4354A0108M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43540 EPCOS-B43540 Datasheet
1,010Kb / 16P
   Aluminum electrolytic capacitors
B43540 EPCOS-B43540 Datasheet
1,010Kb / 19P
   Aluminum electrolytic capacitors
B43540A2108M000 EPCOS-B43540A2108M000 Datasheet
1,010Kb / 19P
   Aluminum electrolytic capacitors
B43540A2108M002 EPCOS-B43540A2108M002 Datasheet
1,010Kb / 19P
   Aluminum electrolytic capacitors
B43540A2108M007 EPCOS-B43540A2108M007 Datasheet
1,010Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B4354A0108M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43511 EPCOS-B43511 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
logo
TDK Electronics
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
   Capacitors with 4-pin snap-in terminals and solder pins
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
   Capacitors with 4-/5-pin snap-in terminals and solder pins
logo
EPCOS
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
   Capacitors for pulse applications with snap-in and solder lug terminals
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
PowerDynamics, Inc
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R34-3X2X-XXX POWERDYNAMICS-42R34-3X2X-XXX Datasheet
42Kb / 1P
   IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com