Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A24159DGSRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A24159DGSRG4
Description  0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A24159DGSRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TS3A24159DGSRG4 Datasheet HTML 1Page - Texas Instruments TS3A24159DGSRG4 Datasheet HTML 2Page - Texas Instruments TS3A24159DGSRG4 Datasheet HTML 3Page - Texas Instruments TS3A24159DGSRG4 Datasheet HTML 4Page - Texas Instruments TS3A24159DGSRG4 Datasheet HTML 5Page - Texas Instruments TS3A24159DGSRG4 Datasheet HTML 6Page - Texas Instruments TS3A24159DGSRG4 Datasheet HTML 7Page - Texas Instruments TS3A24159DGSRG4 Datasheet HTML 8Page - Texas Instruments TS3A24159DGSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
Absolute Maximum Ratings
(1) (2)
TS3A24159
0.3-
Ω DUAL SPDT ANALOG SWITCH
DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS238 – MARCH 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
3.6
V
VNC
VNO
Analog voltage range(3)(4)(5)
–0.5
V+ + 0.5
V
VCOM
II/OK
Analog port diode current
VNC, VNO, VCOM < 0
–50
50
mA
INC
ON-state switch current
–300
300
INO
VNC, VNO, VCOM = 0 to V+
mA
ON-state peak switch current(6)
–500
500
ICOM
VI
Digital input voltage range
–0.5
3.6
V
IIK
Digital input clamp current(3)(4)
VI < 0
–50
mA
I+
Continuous current through V+
100
mA
IGND
Continuous current through GND
–100
mA
DGS package
165
θ
JA
Package thermal impedance(7)
DRC package
56.5
°C/W
YZP package
TBD
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
Pulse at 1-ms duration <10% duty cycle.
(7)
The package thermal impedance is calculated in accordance with JESD 51-7.
3
Submit Documentation Feedback


Similar Part No. - TS3A24159DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A24159DGSRG4 TI-TS3A24159DGSRG4 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS3A24159DGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_15 Datasheet
1Mb / 32P
[Old version datasheet]   TS3A24159 0.3-廓 2-Channel SPDT Bidirectional Analog Switch Dual-Channel 2:1 Multiplexer and Demultiplexer
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_10 Datasheet
743Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com