Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3159A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3159A
Description  1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS5A3159A Datasheet HTML 4Page - Texas Instruments TS5A3159A Datasheet HTML 5Page - Texas Instruments TS5A3159A Datasheet HTML 6Page - Texas Instruments TS5A3159A Datasheet HTML 7Page - Texas Instruments TS5A3159A Datasheet HTML 8Page - Texas Instruments TS5A3159A Datasheet HTML 9Page - Texas Instruments TS5A3159A Datasheet HTML 10Page - Texas Instruments TS5A3159A Datasheet HTML 11Page - Texas Instruments TS5A3159A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
Electrical Characteristics for 2.5-V Supply
(1)
TS5A3159A
1-
Ω SPDT ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS200A – AUGUST 2005 – REVISED FEBRUARY 2007
V
+ = 2.3 V to 2.7, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25°C
1.8
2.5
Peak on
0
≤ (V
NO or VNC) ≤ V+,
Switch on,
rpeak
2.3 V
resistance
ICOM = –8 mA,
See Figure 15
Full
2.7
25°C
1.5
2
On-state
VNO or VNC = 1.8 V,
Switch on,
ron
2.3 V
resistance
ICOM = –8 mA,
See Figure 15
Full
2.4
On-state
25°C
0.15
0.2
resistance
VNO or VNC = 1.8 V,
Switch on,
match
∆r
on
2.3 V
ICOM = –8 mA,
See Figure 15
Full
0.2
between
channels
0
≤ (V
NO or VNC) ≤ V+,
Switch on,
25°C
0.6
On-state
ICOM = –8 mA,
See Figure 15
resistance
ron(flat)
2.3 V
25°C
0.6
1
VNO or VNC = 0.8 V, 1.8 V,
Switch on,
flatness
ICOM = –8 mA,
See Figure 15
Full
1
VNC or VNO = 0.5 V, VCOM = 0.5 V to 2.3
25°C
–20
2
20
V,
INC(OFF),
Switch off,
or
2.7 V
nA
NC, NO
INO(OFF)
See Figure 16
Full
–50
50
VNC or VNO = 2.3 V, VCOM = 0.5 V to 2.3
off leakage
V,
current
25°C
–1
0.1
1
INC(PWROFF),
VNC or VNO = 0 to 3.6 V,
Switch off,
0 V
µA
INO(PWROFF)
VCOM = 3.6 V to 0,
See Figure 16
Full
–10
10
NC, NO
VNC or VNO = 0.5 V, VCOM = Open,
25°C
–10
2
10
INC(ON),
Switch on,
on leakage
or
2.7 V
nA
INO(ON)
See Figure 17
Full
–20
20
current
VNC or VNO = 2.2 V, VCOM = Open,
COM
25°
–1
0.1
10
VNC or VNO = 2.7 V to 0,
Switch off,
off leakage
ICOM(PWROFF)
0 V
µA
VCOM = 0 to 2.7 V,
See Figure 16
Full
–10
20
current
COM
VNC or VNO = Open, VCOM = 0.5 V,
25°C
–10
2
10
Switch on,
on leakage
ICOM(ON)
or
2.7 V
nA
See Figure 17
Full
–20
20
current
VNC or VNO = Open, VCOM = 2.2 V,
Digital Input (IN)
Input logic high
VIH
Full
1.8
5.5
V
Input logic low
VIL
Full
0
0.6
25°C
–2
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
2.7 V
nA
current
Full
20
20
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
8
Submit Documentation Feedback


Similar Part No. - TS5A3159A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159A TI-TS5A3159A Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVR TI-TS5A3159ADBVR Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVR TI1-TS5A3159ADBVR Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159ADBVRE4 TI-TS5A3159ADBVRE4 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A3159A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI-TS5A3160 Datasheet
395Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624 Datasheet
329Kb / 24P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com