Part Name
         Description
TS5A3159A

 1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER ( 30 Page)


TI
100% 
Zoom Out Zoom In
 
 4 page
background image
www.ti.com
Electrical Characteristics for 5-V Supply
(1)
1-
Ω SPDT ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS200A – AUGUST 2005 – REVISED FEBRUARY 2007
V
+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25°C
0.8
1.1
Peak on
0
≤ (V
NO or VNC) ≤ V+,
Switch on,
rpeak
4.5 V
resistance
ICOM = –100 mA,
Full
1.5
25°C
0.7
0.9
On-state
VNO or VNC = 2.5 V,
Switch on,
ron
4.5 V
resistance
ICOM = –100 mA,
Full
1.1
On-state
25°C
0.05
0.1
resistance
VNO or VNC = 2.5 V,
Switch on,
match
∆r
on
4.5 V
ICOM = –100 mA,
Full
0.1
between
channels
0
≤ (V
NO or VNC) ≤ V+,
Switch on,
25°C
0.15
On-state
ICOM = –100 mA,
resistance
ron(flat)
4.5 V
25°C
0.1
0.25
VNO or VNC = 1 V, 1.5 V, 2.5 V,
Switch on,
flatness
ICOM = –100 mA,
Full
0.25
VNC or VNO = 1 V, VCOM = 1 V to 4.5 V,
25°C
–20
2
20
INC(OFF),
Switch off,
or
5.5 V
nA
NC, NO
INO(OFF)
Full
–100
100
VNC or VNO = 4.5 V, VCOM = 1 V to 4.5 V,
off leakage
current
25°C
–1
0.2
1
INC(PWROFF),
VNC or VNO = 0 to 5.5 V,
Switch off,
0 V
µA
INO(PWROFF)
VCOM = 5.5 V to 0,
Full
–20
20
NC, NO
VNC or VNO = 1 V, VCOM = Open,
25°C
–20
2
20
INC(ON),
Switch on,
on leakage
or
5.5 V
nA
INO(ON)
Full
–100
100
current
VNC or VNO = 4.5 V, VCOM = Open,
COM
25°
–1
0.1
1
VNC or VNO = 0 to 5.5 V,
Switch off,
off leakage
ICOM(PWROFF)
0 V
µA
VCOM = 5.5 V to 0,
Full
–20
20
current
COM
VNC or VNO = Open, VCOM = 1 V,
25°C
–20
2
20
Switch on,
on leakage
ICOM(ON)
or
5.5 V
nA
Full
–100
100
current
VNC or VNO = Open, VCOM = 4.5 V,
Digital Input (IN)
Input logic high
VIH
Full
2.4
5.5
V
Input logic low
VIL
Full
0
0.8
25°C
5.5 V
–2
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
nA
current
Full
100
100
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
4



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS3A241590.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER 1 2 3 4 5 MoreTexas Instruments
NLAS3158_05Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
DG2711Low-Voltage Sub-Ohm SPDT Analog Switch 1 2 3 4 5 MoreVishay Siliconix
FSAL200_06Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch 1 2 3 4 5 MoreFairchild Semiconductor
NC7SB3157TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer 1 2 3 4 5 MoreFairchild Semiconductor
ISL8499_06Ultra Low ON-Resistance +1.65V to +4.5V Single Supply Quad SPDT Dual DPDT Analog Switch 1 2 3 4 5 MoreIntersil Corporation
ISL8484_06Ultra Low ON-Resistance +1.65V to +4.5V Single Supply Dual SPDT Analog Switch 1 2 3 4 5 MoreIntersil Corporation
NLAS4599Low Voltage Single Supply SPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
NLAS4684Ultra-Low Resistance Dual SPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl