Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL60113 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # ZL60113
Description  12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60113 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  ZL60113 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ZL60113/4
Data Sheet
3
Zarlink Semiconductor Inc.
Absolute Maximum Ratings
Not necessarily applied together. Exceeding these values may cause permanent damage. Functional operation
under these conditions is not implied.
Recommended Operating Conditions
These parameters apply both to the transmitter and the receiver.
Figure 1 - Recommended Power Supply Filter
Parameter
Symbol
Min.
Max.
Unit
Supply voltage
VCC
-0.5
3.6
V
Differential input voltage amplitude1
1. Differential input voltage amplitude are peak to peak values
.
∆V2.4
V
Voltage on any pin
VPIN
-0.3
VCC + 0.3
V
Relative humidity (non-condensing)
MOS
595
%
Storage temperature
TSTG
-40
100
°C
ESD resistance
VESD
±500
V
Parameter
Symbol
Min.
Max.
Unit
Power supply voltage
VCC
3.135
3.465
V
Operating case temperature
TCASE
080
°C
Signaling rate (per channel)1
1. Data patterns are to have maximum run lengths and DC balance shifts no worse than that of a Pseudo Random Bit Sequence of
length 223-1 (PRBS-23). Information on lower bit rates is available on request.
fD
1.0
3.125
Gbps
Link distance2
2. For maximum distance, see Table 6.
LD
2
m
Data I/O DC blocking capacitors3
3. For AC-coupling, DC blocking capacitors external to the module with a minimum value of 100 nF is recommended.
CBLK
100
nF
Power supply noise4
4. Power supply noise is defined at the supply side of the recommended filter for all VCC supplies over the frequency range of 500 Hz
to 3125 MHz with the recommended power supply filter in place.
VNPS
200
mVp-p
Module Vcc
0.1
µF
1
µH
10
µF
HOST Vcc


Similar Part No. - ZL60113

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60101 ZARLINK-ZL60101 Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101MJD ZARLINK-ZL60101MJD Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101MLDC ZARLINK-ZL60101MLDC Datasheet
326Kb / 6P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101 ZARLINK-ZL60101_07 Datasheet
326Kb / 6P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60102 ZARLINK-ZL60102 Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
More results

Similar Description - ZL60113

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60101 ZARLINK-ZL60101_07 Datasheet
326Kb / 6P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60105 ZARLINK-ZL60105 Datasheet
481Kb / 20P
   12 x 1.6 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101 ZARLINK-ZL60101 Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60304 ZARLINK-ZL60304 Datasheet
382Kb / 19P
   Parallel Fiber Optic Transceiver (4 4) x 3.125 Gbps
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com