Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84110-A-A20 Datasheet(PDF) 2 Page - EPCOS

Part # B84110-A-A20
Description  Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84110-A-A20 Datasheet(HTML) 2 Page - EPCOS

  B84110-A-A20 Datasheet HTML 1Page - EPCOS B84110-A-A20 Datasheet HTML 2Page - EPCOS B84110-A-A20 Datasheet HTML 3Page - EPCOS B84110-A-A20 Datasheet HTML 4Page - EPCOS B84110-A-A20 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
201 03/01
2-Line Filters
B84110-A
for General-Purpose Applications
Technical data
Characteristics and ordering codes
× = approval granted
Dimensional drawing
Mounting holes
Rated voltage VR
250 V~, 50/60 Hz
Rated current I R
Referred to 40
°C ambient temperature
Test voltage VP
1414 V–, 2 s (line/line)
2700 V–, 2 s (lines/ground)
Leakage current l leak
< 0,5 mA at 230 V~, 50 Hz
Climatic category
In accordance with EN 60068-1
25/085/21 (– 25
°C/+ 85 °C/21 days damp heat test)
Weight
approx. 53 g
IR
A
CR
LR
Ordering code
Approvals
0,5
1
2
4
6
0,25
µF (X2)
+
2
× 4700 pF (Y2)
2
× 39 mH
2
× 10 mH
2
× 5,6 mH
2
× 2,7 mH
2
× 1,9 mH
B84110-A-A5
B84110-A-A10
B84110-A-A20
B84110-A-A40
B84110-A-A60
×
×
×
×
×
×
×
×
×
×
×
×
565-3
SSB0563-9
30
47,5
1
1’
2
2’


Similar Part No. - B84110-A-A20

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84110-B EPCOS-B84110-B Datasheet
94Kb / 4P
   Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
B84110-B-A14 EPCOS-B84110-B-A14 Datasheet
94Kb / 4P
   Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
More results

Similar Description - B84110-A-A20

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84102-K EPCOS-B84102-K Datasheet
101Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84103 EPCOS-B84103 Datasheet
156Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84142-A10-R EPCOS-B84142-A10-R Datasheet
220Kb / 7P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
B84142-B8-R EPCOS-B84142-B8-R Datasheet
153Kb / 5P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
B84110A EPCOS-B84110A Datasheet
123Kb / 7P
   Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A
B84110-B EPCOS-B84110-B Datasheet
94Kb / 4P
   Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84114-D-A10 EPCOS-B84114-D-A10 Datasheet
159Kb / 8P
   SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
B84115-E-A30 EPCOS-B84115-E-A30 Datasheet
155Kb / 7P
   SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-A30 EPCOS-B84113-C-A30 Datasheet
131Kb / 7P
   SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com