Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIOV-Q14K300 Datasheet(PDF) 3 Page - EPCOS

Part # SIOV-Q14K300
Description  Leaded Varistors EnergetiQ Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIOV-Q14K300 Datasheet(HTML) 3 Page - EPCOS

  SIOV-Q14K300 Datasheet HTML 1Page - EPCOS SIOV-Q14K300 Datasheet HTML 2Page - EPCOS SIOV-Q14K300 Datasheet HTML 3Page - EPCOS SIOV-Q14K300 Datasheet HTML 4Page - EPCOS SIOV-Q14K300 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
191 04/02
Characteristics (TA = 25 °C)
Type
(untaped)
SIOV-
Vv
(1 mA)
V
DVv
(1 mA)
%
Max. clamping voltage Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
Q14K130
205
± 10
340
65
980
258
279
Q14K140
220
± 10
360
65
900
258
279
Q14K150
240
± 10
395
65
830
258
279
Q14K175
270
± 10
455
65
750
258
279
Q14K210
330
± 10
550
65
600
258
279
Q14K230
360
± 10
595
65
550
258
279
Q14K250
390
± 10
650
65
500
258
279
Q14K275
430
± 10
710
65
470
258
279
Q14K300
470
± 10
775
65
430
258
279
Q14K320
510
± 10
840
65
390
258
279
Q20K130
205
± 10
340
130
1950
258
279
Q20K140
220
± 10
360
130
1800
258
279
Q20K150
240
± 10
395
130
1650
258
279
Q20K175
270
± 10
455
130
1500
258
279
Q20K210
330
± 10
550
130
1200
258
279
Q20K230
360
± 10
595
130
1100
258
279
Q20K250
390
± 10
650
130
1000
258
279
Q20K275
430
± 10
710
130
930
258
279
Q20K300
470
± 10
775
130
850
258
279
Q20K320
510
± 10
840
130
780
258
279
EnergetiQ Series
Leaded Varistors


Similar Part No. - SIOV-Q14K300

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
SIOV-S05K11 EPCOS-SIOV-S05K11 Datasheet
140Kb / 16P
   Leaded Varistors
SIOV-S05K11 EPCOS-SIOV-S05K11 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
SIOV-S05K115G EPCOS-SIOV-S05K115G Datasheet
226Kb / 16P
   Leaded Varistors Taping
SIOV-S05K115GS2 EPCOS-SIOV-S05K115GS2 Datasheet
226Kb / 16P
   Leaded Varistors Taping
More results

Similar Description - SIOV-Q14K300

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
B72207S0600S212 EPCOS-B72207S0600S212 Datasheet
81Kb / 3P
   Leaded Varistors Telecom Series
B72207S1140K111 EPCOS-B72207S1140K111 Datasheet
970Kb / 46P
   Leaded varistors, StandarD series
B72220S3111K101 EPCOS-B72220S3111K101 Datasheet
80Kb / 4P
   Leaded Varistors SuperioR Series
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
B72207S600K101 EPCOS-B72207S600K101 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
logo
TDK Electronics
S07K130GS2 TDK-S07K130GS2 Datasheet
928Kb / 46P
   Leaded varistors, StandarD series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com