Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3818APWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3818APWR
Description  BiCMOS POWER FACTOR PREREGULATOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3818APWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC3818APWR Datasheet HTML 7Page - Texas Instruments UCC3818APWR Datasheet HTML 8Page - Texas Instruments UCC3818APWR Datasheet HTML 9Page - Texas Instruments UCC3818APWR Datasheet HTML 10Page - Texas Instruments UCC3818APWR Datasheet HTML 11Page - Texas Instruments UCC3818APWR Datasheet HTML 12Page - Texas Instruments UCC3818APWR Datasheet HTML 13Page - Texas Instruments UCC3818APWR Datasheet HTML 14Page - Texas Instruments UCC3818APWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
UCC2817A, UCC2818A
UCC3817A, UCC3818A
SLUS577B − SEPTEMBER, 2003 − REVISED FEBRUARY 2006
11
www.ti.com
APPLICATION INFORMATION
Multiplier
The output of the multiplier of the UCC3817A is a signal representing the desired input line current. It is an input
to the current amplifier, which programs the current loop to control the input current to give high power factor
operation. As such, the proper functioning of the multiplier is key to the success of the design. The inputs to the
multiplier are VAOUT, the voltage amplifier error signal, IIAC, a representation of the input rectified ac line
voltage, and an input voltage feedforward signal, VVFF. The output of the multiplier, IMOUT, can be expressed
as:
I
MOUT + IIAC
V
VAOUT * 1
K
V
VFF
2
where K is a constant typically equal to 1
V
.
The
electrical characteristics table covers all the required operating conditions for designing with the
multiplier. Additionally, curves in Figures 10, 11, and 12 provide typical multiplier characteristics over its entire
operating range.
The IIAC signal is obtained through a high-value resistor connected between the rectified ac line and the IAC
pin of the UCC3817A/18A. This resistor (RIAC) is sized to give the maximum IIAC current at high line. For the
UCC3817A/18A the maximum IIAC current is about 500 µA. A higher current than this can drive the multiplier
out of its linear range. A smaller current level is functional, but noise can become an issue, especially at low
input line. Assuming a universal line operation of 85 VRMS to 265 VRMS gives a RIAC value of 750 kΩ. Because
of voltage rating constraints of standard 1/4-W resistor, use a combination of lower value resistors connected
in series to give the required resistance and distribute the high voltage amongst the resistors. For this design
example two 383-k
Ω resistors were used in series.
The current into the IAC pin is mirrored internally to the VFF pin where it is filtered to produce a voltage feed
forward signal proportional to line voltage. The VFF voltage is used to keep the power stage gain constant; and
to provid input power limiting. Please refer to Texas Instruments application note SLUA196 for detailed
explanation on how the VFF pin provides power limiting. The following equation can be used to size the VFF
resistor (RVFF) to provide power limiting where VIN(min) is the minimum RMS input voltage and RIAC is the total
resistance connected between the IAC pin and the rectified line voltage.
R
VFF +
1.4 V
V
IN(min)
0.9
2
R
IAC
[ 30 kW
(9)
(10)


Similar Part No. - UCC3818APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3818APWR TI1-UCC3818APWR Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
UCC3818APWRG4 TI1-UCC3818APWRG4 Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3818APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2818A-Q1 TI1-UCC2818A-Q1 Datasheet
494Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
[Old version datasheet]   UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com