Part Name
         Description
B84102-K

 Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A ( 5 Page)


EPCOS
100% 
Zoom Out Zoom In
   
 3 page
background image
194 03/01
2-Line Filters
B84102-K
for General-Purpose Applications
Dimensional drawing
SSB1066-8
38,5
103
90±0,3
Beschriftung
NETZ
LINE
PE M3,5
Anschlussklemmen 2,5 mm 2
1,5
Marking
Terminal blocks
Nom. cross section 2,5 mm
2



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
B84142-B8-RPower line filters for single-phase systems Rated voltage 250 V~ 50/60 Hz Rated current 8 A to 25 A 1 2 3 4 5 EPCOS
B84142-A10-RPower line filters for single-phase systems Rated voltage 250 V~ 50/60 Hz Rated current 10 to 60 A 1 2 3 4 5 MoreEPCOS
B84110APower line filters for 1-phase systems Rated voltage 250 V DC/AC 50/60 Hz Rated current 0.5 to 6 A 1 2 3 4 5 MoreEPCOS
B84111-A-A10SIFI-A for normal insertion loss Rated voltage 250 V~ 50/60 Hz Rated current 1 A to 20 A 1 2 3 4 5 MoreEPCOS
B84113-C-A30SIFI-C for very high insertion loss Rated voltage 250 V~ 50/60 Hz Rated current 3 A to 10 A 1 2 3 4 5 MoreEPCOS
B84114-D-A10SIFI-D for high insertion loss Rated voltage 250 V~ 50/60 Hz Rated current 1 A to 10 A 1 2 3 4 5 MoreEPCOS
B84115-E-A30SIFI-E for high insertion loss Rated voltage 250 V~ 50/60 Hz Rated current 3 A to 10 A 1 2 3 4 5 MoreEPCOS
ACF321825-223-T3-Terminal Filters for Signal Line and DC Power Line SMD 1 2 TDK Electronics
BU508AWHigh voltage NPN Power transistor for standard Definition CRT display 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl