Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3819ANG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC3819ANG4
Description  PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3819ANG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3819ANG4 Datasheet HTML 1Page - Texas Instruments UCC3819ANG4 Datasheet HTML 2Page - Texas Instruments UCC3819ANG4 Datasheet HTML 3Page - Texas Instruments UCC3819ANG4 Datasheet HTML 4Page - Texas Instruments UCC3819ANG4 Datasheet HTML 5Page - Texas Instruments UCC3819ANG4 Datasheet HTML 6Page - Texas Instruments UCC3819ANG4 Datasheet HTML 7Page - Texas Instruments UCC3819ANG4 Datasheet HTML 8Page - Texas Instruments UCC3819ANG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
UCC2819A
UCC3819A
SLUS579 − OCTOBER, 2003
5
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = 0°C to 70°C for the UCC3819A, −40°C to 85°C for the UCC2819A, VCC = 12 V, RT = 22 kΩ, CT = 270 pF,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Multiplier
IMOUT, high line, low power output
current, (0
°C to 85°C)
IAC = 500 µA,
VFF = 4.7 V,
VAOUT = 1.25 V
0
−6
−20
IMOUT, high line, low power output
current, (−40
°C to 85°C)
IAC = 500 µA,
VFF = 4.7 V,
VAOUT = 1.25 V
0
−23
IMOUT, high line, high power output
current
IAC = 500 µA,
VFF = 4.7 V,
VAOUT = 5 V
−70
−90
−105
µA
IMOUT, low line, low power output
current
IAC = 150 µA,
VFF = 1.4 V,
VAOUT = 1.25 V
−10
−19
−50
µA
IMOUT, low line, high power output
current
IAC = 150 µA,
VFF = 1.4 V,
VAOUT = 5 V
−268
−300
−346
IMOUT, IAC limited
IAC = 150 µA,
VFF = 1.3 V,
VAOUT = 5 V
−250
−300
−400
Gain constant (K)
IAC = 300 µA,
VFF = 3 V,
VAOUT = 2.5 V
0.5
1
1.5
1/V
IMOUT, zero current
IAC = 150 µA,
VFF = 1.4 V,
VAOUT = 0.25 V
0
−2
IMOUT, zero current
IAC = 500 µA,
VFF = 4.7 V,
VAOUT = 0.25 V
0
−2
A
IMOUT, zero current, (0°C to 85°C)
IAC = 500 µA,
VFF = 4.7 V,
VAOUT = 0.5 V
0
−3
µA
IMOUT, zero current, (−40°C to 85°C)
IAC = 500 µA,
VFF = 4.7 V,
VAOUT = 0.5 V
0
−3.5
Power limit (IMOUT x VFF)
IAC = 150 µA,
VFF = 1.4 V,
VAOUT = 5 V
−375
−420
−485
µW
Feed-Forward
VFF output current
IAC = 300 µA
−140
−150
−160
µA
Gate Driver
Pullup resistance
IO = –100 mA to −200 mA
9
12
Pulldown resistance
IO = 100 mA
4
10
Output rise time
CL = 1 nF,
RL = 10 Ω,
VDRVOUT = 0.7 V to 9 V
25
50
ns
Output fall time
CL = 1 nF,
RL = 10 Ω,
VDRVOUT = 9 V to 0.7 V
10
50
ns
Maximum duty cycle
93%
95%
100%
Minimum controlled duty cycle
At 100 kHz
2%
Zero Power
Zero power comparator threshold
Measured on VAOUT
0.20
0.33
0.50
V
NOTES: (1) Ensured by design, Not production tested.
(2) Reference variation for VCC < 10.8 V is shown in Figure 2.


Similar Part No. - UCC3819ANG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3819 TI-UCC3819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819 TI-UCC3819 Datasheet
556Kb / 32P
[Old version datasheet]   ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
UCC3819 TI1-UCC3819 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819D TI-UCC3819D Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC3819D TI1-UCC3819D Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3819ANG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com