Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2817APW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2817APW
Description  BiCMOS POWER FACTOR PREREGULATOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2817APW Datasheet(HTML) 3 Page - Texas Instruments

  UCC2817APW Datasheet HTML 1Page - Texas Instruments UCC2817APW Datasheet HTML 2Page - Texas Instruments UCC2817APW Datasheet HTML 3Page - Texas Instruments UCC2817APW Datasheet HTML 4Page - Texas Instruments UCC2817APW Datasheet HTML 5Page - Texas Instruments UCC2817APW Datasheet HTML 6Page - Texas Instruments UCC2817APW Datasheet HTML 7Page - Texas Instruments UCC2817APW Datasheet HTML 8Page - Texas Instruments UCC2817APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
UCC2817A, UCC2818A
UCC3817A, UCC3818A
SLUS577B − SEPTEMBER, 2003 − REVISED FEBRUARY 2006
3
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature (unless otherwise noted)
UCCx81xA
UNIT
Supply voltage VCC
18
V
Supply current ICC
20
mA
Gate drive current, continuous
0.2
A
Gate drive current
1.2
A
Input voltage, CAI, MOUT, SS
8
Input voltage, PKLMT
5
V
Input voltage, VSENSE, OVP/EN
10
V
Input current, RT, IAC, PKLMT
10
mA
Input current, VCC (no switching)
20
mA
Maximum negative voltage, DRVOUT, PKLMT, MOUT
−0.5
V
Power dissipation
1
W
Junction temperature, TJ
−55 to 150
Storage temperature, Tstg
−65 to 150
°C
Lead temperature, Tsol (soldering, 10 seconds)
300
C
Power dissipation
1
W
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA = 0°C to 70°C for the UCC3817A and TA = −40°C to 85°C for the UCC2817A, TA = TJ, VCC = 12 V, RT = 22 kΩ,
CT = 270 pF, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
Supply current, off
VCC = (VCC turn-on threshold −0.3 V)
150
300
µA
Supply current, on
VCC = 12 V, No load on DRVOUT
2
4
6
mA
UVLO Section
VCC turn-on threshold (UCCx817)
15.4
16
16.6
VCC turn-off threshold (UCCx817)
9.4
9.7
UVLO hysteresis (UCCx817)
5.8
6.3
Maximum shunt voltage (UCCx817)
IVCC = 10 mA
15.4
17
17.5
V
VCC turn-on threshold (UCCx818)
9.7
10.2
10.8
V
VCC turn-off threshold (UCCx818)
9.4
9.7
UVLO hysteresis (UCCx818)
0.3
0.5
Voltage Amplifier Section
Input voltage
TA = 0°C to 70°C
7.387
7.5
7.613
V
Input voltage
TA = −40°C to 85°C
7.369
7.5
7.631
V
VSENSE bias current
VSENSE = VREF,
VAOUT = 2.5 V
50
200
nA
Open loop gain
VAOUT = 2 V to 5 V
50
90
dB
High-level output voltage
IL = −150 µA
5.3
5.5
5.6
V
Low-level output voltage
IL = 150 µA
0
50
150
mV


Similar Part No. - UCC2817APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817APW TI1-UCC2817APW Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
UCC2817APWG4 TI1-UCC2817APWG4 Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
UCC2817APWR TI1-UCC2817APWR Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
UCC2817APWRG4 TI1-UCC2817APWRG4 Datasheet
946Kb / 31P
[Old version datasheet]   BiMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC2817APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2818A-Q1 TI1-UCC2818A-Q1 Datasheet
494Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2817-EP TI-UCC2817-EP_15 Datasheet
477Kb / 24P
[Old version datasheet]   UCC2818A-Q1 BiCMOS Power-Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com