Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2819ADRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC2819ADRG4
Description  PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2819ADRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC2819ADRG4 Datasheet HTML 2Page - Texas Instruments UCC2819ADRG4 Datasheet HTML 3Page - Texas Instruments UCC2819ADRG4 Datasheet HTML 4Page - Texas Instruments UCC2819ADRG4 Datasheet HTML 5Page - Texas Instruments UCC2819ADRG4 Datasheet HTML 6Page - Texas Instruments UCC2819ADRG4 Datasheet HTML 7Page - Texas Instruments UCC2819ADRG4 Datasheet HTML 8Page - Texas Instruments UCC2819ADRG4 Datasheet HTML 9Page - Texas Instruments UCC2819ADRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
UCC2819A
UCC3819A
SLUS579 − OCTOBER, 2003
6
www.ti.com
PIN ASSIGNMENTS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CAI
4
I
Current amplifier noninverting input
CAOUT
3
O
Current amplifier output
CT
14
I
Oscillator timing capacitor
DRVOUT
16
O
Gate drive
GND
1
Ground
IAC
6
I
Current proportional to input voltage
MOUT
5
I/O
Multiplier output and current amplifier inverting input
OVP/EN
10
I
Over-voltage/enable
PKLMT
2
I
PFC peak current limit
RT
12
I
Oscillator charging current
VAI
13
I
Voltage amplifier non-inverting input
VAOUT
7
O
Voltage amplifier output
VCC
15
I
Positive supply voltage
VFF
8
I
Feed-forward voltage
VSENSE
11
I
Voltage amplifier inverting input
VREF
9
O
Voltage reference output
Pin Descriptions
CAI: Place a resistor between this pin and the GND side of current-sense resistor. This input and the inverting
input (MOUT) remain functional down to and below GND.
CAOUT: This is the output of a wide bandwidth operational amplifier that senses line current and commands
the PFC pulse-width modulator (PWM) to force the correct duty cycle. Compensation components are placed
between CAOUT and MOUT.
CT: A capacitor from CT to GND sets the PWM oscillator frequency according to:
f
[
0.6
RT
CT
The lead from the oscillator timing capacitor to GND should be as short and direct as possible.
DRVOUT: The output drive for the boost switch is a totem-pole MOSFET gate driver on DRVOUT. To avoid the
excessive overshoot of the DRVOUT while driving a capacitive load, a series gate current-limiting/damping
resistor is recommended to prevent interaction between the gate impedance and the output driver. The value
of the series gate resistor is based on the pulldown resistance (Rpulldown which is 4-Ω typical), the maximum
VCC voltage (VCC), and the required maximum gate drive current (Imax). Using the equation below, a series
gate resistance of resistance 11
Ω would be required for a maximum VCC voltage of 18 V and for 1.2 A of
maximum sink current. The source current will be limited to approximately 900 mA (based on the Rpullup of 9-Ω
typical).
R
GATE +
VCC
* I
MAX
R
pulldown
I
MAX
GND: All voltages measured with respect to ground. VCC and REF should be bypassed directly to GND with
a 0.1-
µF or larger ceramic capacitor.


Similar Part No. - UCC2819ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI1-UCC2819 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819D TI-UCC2819D Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819D TI1-UCC2819D Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819DTR TI1-UCC2819DTR Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
More results

Similar Description - UCC2819ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com