Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S20K175E3 Datasheet(PDF) 2 Page - EPCOS

Part # S20K175E3
Description  Leaded Varistors SuperioR Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S20K175E3 Datasheet(HTML) 2 Page - EPCOS

  S20K175E3 Datasheet HTML 1Page - EPCOS S20K175E3 Datasheet HTML 2Page - EPCOS S20K175E3 Datasheet HTML 3Page - EPCOS S20K175E3 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
186 04/02
SuperioR Series
Leaded Varistors
Maximum ratings (TA = 85 °C)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
S20K115E3
B72220S3111K101
115
150
12000
110
1,0
S20K130E3
B72220S3131K101
130
170
12000
130
1,0
S20K140E3
B72220S3141K101
140
180
12000
140
1,0
S20K150E3
B72220S3151K101
150
200
12000
150
1,0
S20K175E3
B72220S3171K101
175
225
12000
180
1,0
S20K210E3
B72220S3211K101
210
270
12000
210
1,0
S20K230E3
B72220S3231K101
230
300
12000
220
1,0
S20K250E3
B72220S3251K101
250
320
12000
250
1,0
S20K275E3
B72220S3271K101
275
350
12000
260
1,0
S20K300E3
B72220S3301K101
300
385
12000
290
1,0
S20K320E3
B72220S3321K101
320
420
12000
320
1,0
Characteristics (TA = 25 °C)
Type
(untaped)
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
S20K115E3
180
± 10
300
100
1520
257
278
S20K130E3
205
± 10
340
100
1340
257
278
S20K140E3
220
± 10
360
100
1240
257
278
S20K150E3
240
± 10
395
100
1160
257
278
S20K175E3
270
± 10
455
100
1000
257
278
S20K210E3
330
± 10
550
100
830
257
278
S20K230E3
360
± 10
595
100
760
257
278
S20K250E3
390
± 10
650
100
700
257
278
S20K275E3
430
± 10
710
100
630
257
278
S20K300E3
470
± 10
775
100
580
257
278
S20K320E3
510
± 10
840
100
540
257
278


Similar Part No. - S20K175E3

ManufacturerPart #DatasheetDescription
logo
EPCOS
S20K175E2 EPCOS-S20K175E2 Datasheet
113Kb / 11P
   Leaded Varistors
More results

Similar Description - S20K175E3

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72220P3381K101 EPCOS-B72220P3381K101 Datasheet
289Kb / 11P
   Leaded Varistors SuperioR-MP series
logo
TDK Electronics
B722 TDK-B722_V01 Datasheet
701Kb / 23P
   Leaded varistors, SuperioR, S25 series
January 2018
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
B72207S0600S212 EPCOS-B72207S0600S212 Datasheet
81Kb / 3P
   Leaded Varistors Telecom Series
B72207S1140K111 EPCOS-B72207S1140K111 Datasheet
970Kb / 46P
   Leaded varistors, StandarD series
S20K625 EPCOS-S20K625 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
B72207S1140K201 EPCOS-B72207S1140K201 Datasheet
87Kb / 5P
   Leaded Varistors Automotive Series
B72207S600K101 EPCOS-B72207S600K101 Datasheet
299Kb / 36P
   Leaded varistors, StandarD series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com