Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10K140E2 Datasheet(PDF) 10 Page - EPCOS

Part # S10K140E2
Description  Leaded Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S10K140E2 Datasheet(HTML) 10 Page - EPCOS

Back Button S10K140E2 Datasheet HTML 3Page - EPCOS S10K140E2 Datasheet HTML 4Page - EPCOS S10K140E2 Datasheet HTML 5Page - EPCOS S10K140E2 Datasheet HTML 6Page - EPCOS S10K140E2 Datasheet HTML 7Page - EPCOS S10K140E2 Datasheet HTML 8Page - EPCOS S10K140E2 Datasheet HTML 9Page - EPCOS S10K140E2 Datasheet HTML 10Page - EPCOS S10K140E2 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
184 04/02
SIOV-S10K460E2
7,5
3,7
12,0
7,7
15,0
30,0
0,8
SIOV-S14K460E2
7,5
3,8
15,5
7,8
19,0
30,0
0,8
SIOV-S20K460E2
10,0
4,5
21,5
8,2
26,0
30,0
1,0
SIOV-S10K510E2
7,5
4,0
12,0
8,0
15,0
30,0
0,8
SIOV-S14K510E2
7,5
4,0
15,5
8,1
19,0
30,0
0,8
SIOV-S20K510E2
10,0
4,6
21,5
8,6
26,0
30,0
1,0
Weight
Size
approx.
S05K130 … 300E2
0,4 … 0,5 g
The weight of varistors in
between these voltage classes
can be interpolated.
S07K130 … 320E2
0,6 … 0,8 g
S10K130 … 510E2
1,2 … 2,4 g
S14K130 … 510E2
1,8 … 4,1 g
S20K130 … 510E2
3,3 … 7,7 g
Dimensions
Type
± 1
mm
a
± 1
mm
bmax
mm
smax
mm
hmax
mm
Imin
mm
d
± 0,05
mm
AdvanceD Series
Leaded Varistors


Similar Part No. - S10K140E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S10K140 ETC1-S10K140 Datasheet
138Kb / 1P
   ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
logo
EPCOS
S10K140 EPCOS-S10K140 Datasheet
140Kb / 16P
   Leaded Varistors
logo
TDK Electronics
S10K140K11 TDK-S10K140K11 Datasheet
846Kb / 22P
   SIOV metal oxide varistors
September 2020 Version: 2
More results

Similar Description - S10K140E2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com