Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR1S08AVTS35C Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MR1S08AVTS35C
Description  256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR1S08AVTS35C Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MR1S08AVTS35C Datasheet HTML 4Page - Freescale Semiconductor, Inc MR1S08AVTS35C Datasheet HTML 5Page - Freescale Semiconductor, Inc MR1S08AVTS35C Datasheet HTML 6Page - Freescale Semiconductor, Inc MR1S08AVTS35C Datasheet HTML 7Page - Freescale Semiconductor, Inc MR1S08AVTS35C Datasheet HTML 8Page - Freescale Semiconductor, Inc MR1S08AVTS35C Datasheet HTML 9Page - Freescale Semiconductor, Inc MR1S08AVTS35C Datasheet HTML 10Page - Freescale Semiconductor, Inc MR1S08AVTS35C Datasheet HTML 11Page - Freescale Semiconductor, Inc MR1S08AVTS35C Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MR2A16A Data Sheet, Rev. 4
8
Freescale Semiconductor
Timing Specifications
Timing Specifications
Read Mode
Table 9. Read Cycle Timing1, 2
Parameter
Symbol
Min
Max
Unit
Read cycle time
tAVAV
35
ns
Address access time
tAVQV
—35
ns
Enable access time3
tELQV
—35
ns
Output enable access time
tGLQV
—15
ns
Byte enable access time
tBLQV
—15
ns
Output hold from address change
tAXQX
3—
ns
Enable low to output active4, 5
tELQX
3—
ns
Output enable low to output active4, 5
tGLQX
0—
ns
Byte enable low to output active4, 5
tBLQX
0—
ns
Enable high to output Hi-Z4, 5
tEHQZ
015
ns
Output enable high to output Hi-Z4, 5
tGHQZ
010
ns
Byte high to output Hi-Z4, 5
tBHQZ
010
ns
NOTES:
1
W is high for read cycle.
2
Due to product sensitivities to noise, power supplies must be properly grounded and
decoupled, and bus contention conditions must be minimized or eliminated during read and
write cycles.
3
Addresses valid before or at the same time E goes low.
4
This parameter is sampled and not 100% tested.
5
Transition is measured
±200 mV from steady-state voltage.


Similar Part No. - MR1S08AVTS35C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR1S08AVYS35 FREESCALE-MR1S08AVYS35 Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results

Similar Description - MR1S08AVTS35C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
logo
Siemens Semiconductor G...
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com