Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6V2150NR1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF6V2150NR1
Description  RF Power Field-Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6V2150NR1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF6V2150NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6V2150NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6V2150NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6V2150NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6V2150NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6V2150NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6V2150NR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF6V2150NR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF6V2150NR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
RF Device Data
Freescale Semiconductor
MRF6V2150NR1 MRF6V2150NBR1
PACKAGE DIMENSIONS
CASE 1486-03
ISSUE C
DATUM
PLANE
BOTTOM VIEW
A1
2X
D1
E3
E1
D3
E4
A2
PIN 5
NOTE 8
A
B
C
H
DRAIN LEAD
D
A
M
aaa
C
4X
b1
2X
D2
NOTES:
1. CONTROLLING DIMENSION: INCH.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M−1994.
3. DATUM PLANE −H− IS LOCATED AT THE TOP OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE TOP OF THE PARTING LINE.
4. DIMENSIONS
“D" AND “E1" DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE PROTRUSION
IS .006 PER SIDE. DIMENSIONS
“D" AND “E1" DO
INCLUDE MOLD MISMATCH AND ARE DETER−
MINED AT DATUM PLANE −H−.
5. DIMENSION
“b1" DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE .005 TOTAL IN EXCESS
OF THE
“b1" DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. DATUMS −A− AND −B− TO BE DETERMINED AT
DATUM PLANE −H−.
7. DIMENSION A2 APPLIES WITHIN ZONE
“J" ONLY.
8. HATCHING REPRESENTS THE EXPOSED AREA
OF THE HEAT SLUG.
c1
F
ZONE J
E2
2X
A
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
.100
.104
2.54
2.64
INCHES
A1
.039
.043
0.99
1.09
A2
.040
.042
1.02
1.07
D
.712
.720
18.08
18.29
D1
.688
.692
17.48
17.58
D2
.011
.019
0.28
0.48
D3
.600
− − −
15.24
− − −
E
.551
.559
14
14.2
E1
.353
.357
8.97
9.07
E2
.132
.140
3.35
3.56
E3
.124
.132
3.15
3.35
E4
.270
− − −
6.86
− − −
F
b1
.164
.170
4.17
4.32
c1
.007
.011
0.18
0.28
e
.025 BSC
.106 BSC
0.64 BSC
2.69 BSC
1
STYLE 1:
PIN 1. DRAIN
2. DRAIN
3. GATE
4. GATE
5. SOURCE
aaa
.004
0.10
GATE LEAD
4X
e
2X
E
SEATING
PLANE
4
2
3
NOTE 7
E5
E5
E5
.346
.350
8.79
8.89
TO-270 WB-4
PLASTIC
MRF6V2150NR1


Similar Part No. - MRF6V2150NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6V2150NR1 FREESCALE-MRF6V2150NR1 Datasheet
573Kb / 15P
   RF Power Field-Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2150NR1 FREESCALE-MRF6V2150NR1 Datasheet
928Kb / 18P
   RF Power Field-Effect Transistors
MRF6V2150NR1 FREESCALE-MRF6V2150NR1_08 Datasheet
573Kb / 15P
   RF Power Field-Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF6V2150NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com