Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR2A16AVYS35 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MR2A16AVYS35
Description  256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR2A16AVYS35 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MR2A16AVYS35 Datasheet HTML 1Page - Freescale Semiconductor, Inc MR2A16AVYS35 Datasheet HTML 2Page - Freescale Semiconductor, Inc MR2A16AVYS35 Datasheet HTML 3Page - Freescale Semiconductor, Inc MR2A16AVYS35 Datasheet HTML 4Page - Freescale Semiconductor, Inc MR2A16AVYS35 Datasheet HTML 5Page - Freescale Semiconductor, Inc MR2A16AVYS35 Datasheet HTML 6Page - Freescale Semiconductor, Inc MR2A16AVYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR2A16AVYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR2A16AVYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© Freescale Semiconductor, Inc., 2004, 2006, 2007. All rights reserved.
Freescale Semiconductor
Data Sheet
Document Number: MR2A16A
Rev. 4, 6/2007
Introduction
The MR2A16A is a 4,194,304-bit magnetoresistive
random access memory (MRAM) device
organized as 262,144 words of 16 bits. The
MR2A16A is equipped with chip enable (E), write
enable (W), and output enable (G) pins, allowing
for significant system design flexibility without bus
contention. Because the MR2A16A has separate
byte-enable controls (LB and UB), individual bytes
can be written and read.
MRAM is a nonvolatile memory technology that
protects data in the event of power loss and does
not require periodic refreshing. The MR2A16A is
the ideal memory solution for applications that
must permanently store and retrieve critical data
quickly.
The MR2A16A is available in a 400-mil, 44-lead
plastic small-outline TSOP type-II package with an
industry-standard center power and ground SRAM
pinout.
The MR2A16A is available in Commercial (0˚C to
70˚C), Industrial (-40˚C to 85˚C) and Extended
(-40˚C to 105˚C) ambient temperature ranges.
Features
Single 3.3-V power supply
Commercial temperature range (0˚C to
70˚C), Industrial temperature range (-40˚C
to 85˚C) and Extended temperature range
(-40˚C to 105˚C)
Symmetrical high-speed read and write with
fast access time (35 ns)
Flexible data bus control — 8 bit or 16 bit
access
Equal address and chip-enable access
times
Automatic data protection with low-voltage
inhibit circuitry to prevent writes on power
loss
All inputs and outputs are
transistor-transistor logic (TTL) compatible
Fully static operation
Full nonvolatile operation with 20 years
minimum data retention
256K x 16-Bit 3.3-V
Asynchronous
Magnetoresistive RAM
MR2A16A
44-TSOP
Case 924A-02


Similar Part No. - MR2A16AVYS35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR2A16AVYS35 FREESCALE-MR2A16AVYS35 Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Everspin Technologies I...
MR2A16AVYS35 EVERSPIN-MR2A16AVYS35 Datasheet
1Mb / 20P
   256K x 16 MRAM Memory
Rev. 11.3 3/2018
MR2A16AVYS35R EVERSPIN-MR2A16AVYS35R Datasheet
1Mb / 20P
   256K x 16 MRAM Memory
Rev. 11.3 3/2018
More results

Similar Description - MR2A16AVYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
logo
Siemens Semiconductor G...
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com