Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR0A16AVYS35 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MR0A16AVYS35
Description  64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR0A16AVYS35 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MR0A16AVYS35 Datasheet HTML 2Page - Freescale Semiconductor, Inc MR0A16AVYS35 Datasheet HTML 3Page - Freescale Semiconductor, Inc MR0A16AVYS35 Datasheet HTML 4Page - Freescale Semiconductor, Inc MR0A16AVYS35 Datasheet HTML 5Page - Freescale Semiconductor, Inc MR0A16AVYS35 Datasheet HTML 6Page - Freescale Semiconductor, Inc MR0A16AVYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR0A16AVYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR0A16AVYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc MR0A16AVYS35 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MR0A16A Advanced Information Data Sheet, Rev. 0
6
Freescale Semiconductor
Electrical Specifications
Figure 3. Output Load for ac Test
Table 8. ac Measurement Conditions
Parameter
Value
Logic input timing measurement reference level
1.5 V
Logic output timing measurement reference level
1.5 V
Logic input pulse levels
0 or 3.0 V
Input rise/fall time
2 ns
Output load for low and high impedance parameters
See Figure 3A
Output load for all other timing parameters
See Figure 3B
AB
OUTPUT
RL = 50 Ω
VL = 1.5 V
ZD = 50 Ω
OUTPUT
600
Ω
725
Ω
5 pF
+3.3 V


Similar Part No. - MR0A16AVYS35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR0A16AVYS35 FREESCALE-MR0A16AVYS35 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Everspin Technologies I...
MR0A16AVYS35 EVERSPIN-MR0A16AVYS35 Datasheet
930Kb / 22P
   64K x 16 MRAM Memory
Rev. 8.3 3/2018
MR0A16AVYS35R EVERSPIN-MR0A16AVYS35R Datasheet
930Kb / 22P
   64K x 16 MRAM Memory
Rev. 8.3 3/2018
More results

Similar Description - MR0A16AVYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com