Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR2A08AVYS35 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MR2A08AVYS35
Description  256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR2A08AVYS35 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MR2A08AVYS35 Datasheet HTML 1Page - Freescale Semiconductor, Inc MR2A08AVYS35 Datasheet HTML 2Page - Freescale Semiconductor, Inc MR2A08AVYS35 Datasheet HTML 3Page - Freescale Semiconductor, Inc MR2A08AVYS35 Datasheet HTML 4Page - Freescale Semiconductor, Inc MR2A08AVYS35 Datasheet HTML 5Page - Freescale Semiconductor, Inc MR2A08AVYS35 Datasheet HTML 6Page - Freescale Semiconductor, Inc MR2A08AVYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR2A08AVYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR2A08AVYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Electrical Specifications
MR2A16A Data Sheet, Rev. 4
Freescale Semiconductor
3
Electrical Specifications
Absolute Maximum Ratings
This device contains circuitry to protect the inputs against damage caused by high static voltages or
electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage
greater than maximum rated voltages to these high-impedance (Hi-Z) circuits.
The device also contains protection against external magnetic fields. Precautions should be taken to
avoid application of any magnetic field more intense than the maximum field intensity specified in the
maximum ratings.
Table 2. Operating Modes
E1
G1
W1
LB1
UB1
Mode
VDD
Current
DQL[7:0]2
DQU[15:8]2
H
XXXX
Not selected
ISB1, ISB2
Hi-Z
Hi-Z
L
H
H
X
X
Output disabled
IDDA
Hi-Z
Hi-Z
L
X
X
H
H
Output disabled
IDDA
Hi-Z
Hi-Z
L
LHLH
Lower byte read
IDDA
DOut
Hi-Z
L
L
H
H
L
Upper byte read
IDDA
Hi-Z
DOut
L
L
H
L
L
Word read
IDDA
DOut
DOut
L
X
L
L
H
Lower byte write
IDDA
DIn
Hi-Z
L
X
L
H
L
Upper byte write
IDDA
Hi-Z
DIn
L
X
L
L
L
Word write
IDDA
DIn
DIn
NOTES:
1
H = high, L = low, X = don’t care
2
Hi-Z = high impedance


Similar Part No. - MR2A08AVYS35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR2A08AVYS35 FREESCALE-MR2A08AVYS35 Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results

Similar Description - MR2A08AVYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
logo
Siemens Semiconductor G...
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com