Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR0A08AVYS35 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MR0A08AVYS35
Description  256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR0A08AVYS35 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MR0A08AVYS35 Datasheet HTML 1Page - Freescale Semiconductor, Inc MR0A08AVYS35 Datasheet HTML 2Page - Freescale Semiconductor, Inc MR0A08AVYS35 Datasheet HTML 3Page - Freescale Semiconductor, Inc MR0A08AVYS35 Datasheet HTML 4Page - Freescale Semiconductor, Inc MR0A08AVYS35 Datasheet HTML 5Page - Freescale Semiconductor, Inc MR0A08AVYS35 Datasheet HTML 6Page - Freescale Semiconductor, Inc MR0A08AVYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR0A08AVYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR0A08AVYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MR2A16A Data Sheet, Rev. 4
2
Freescale Semiconductor
Device Pin Assignment
Figure 1. Block Diagram
Device Pin Assignment
Figure 2. MR2A16A in 44-Pin TSOP Type II Package
UPPER BYTE OUTPUT ENABLE
LOWER BYTE OUTPUT ENABLE
COLUMN
DECODER
ROW
DECODER
256K x 16
BIT
MEMORY
ARRAY
FINAL
WRITE
DRIVERS
SENSE
AMPS
UPPER BYTE WRITE ENABLE
LOWER BYTE WRITE ENABLE
OUTPUT
ENABLE
BUFFER
CHIP
ENABLE
BUFFER
WRITE
ENABLE
BUFFER
BYTE
ENABLE
BUFFER
ADDRESS
BUFFERS
UPPER
BYTE
OUTPUT
BUFFER
LOWER
BYTE
OUTPUT
BUFFER
UPPER
BYTE
WRITE
DRIVER
LOWER
BYTE
WRITE
DRIVER
DQL[7:0]
DQU[15:8]
G
E
W
UB
LB
8
10
8
8
8
8
16
16
18
A[17:0]
8
8
8
8
UB
LB
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A17
A16
A15
G
UB
LB
DQU15
DQU14
DQU13
DQU12
VSS
VDD
DQU11
DQU10
DQU9
DQU8
NC
A14
A13
A12
A11
A10
A0
A1
A2
A3
A4
E
DQL0
DQL1
DQL2
DQL3
VDD
VSS
DQL4
DQL5
DQL6
DQL7
W
A5
A6
A7
A8
A9
Table 1. Pin Functions
Signal Name
Function
A[17:0]
Address input
E
Chip enable
W
Write enable
G
Output enable
UB
Upper byte select
LB
Lower byte select
DQL[7:0]
Data I/O, lower byte
DQU[15:8]
Data I/O, upper byte
VDD
Power supply
VSS
Ground
NC
Do not connect this pin


Similar Part No. - MR0A08AVYS35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR0A08AVYS35 FREESCALE-MR0A08AVYS35 Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results

Similar Description - MR0A08AVYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
logo
Siemens Semiconductor G...
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com