Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR4S16ACYS35 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MR4S16ACYS35
Description  256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR4S16ACYS35 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MR4S16ACYS35 Datasheet HTML 3Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 4Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 5Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 6Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 10Page - Freescale Semiconductor, Inc MR4S16ACYS35 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Electrical Specifications
MR2A16A Data Sheet, Rev. 4
Freescale Semiconductor
7
Figure 3. Output Load for ac Test
Table 7. Capacitance1
Parameter
Symbol
Typ
Max
Unit
Address input capacitance
CIn
—6
pF
Control input capacitance
CIn
—6
pF
Input/output capacitance
CI/O
—8
pF
NOTES:
1
f = 1.0 MHz, dV = 3.0 V, TA = 25˚C, periodically sampled rather than 100% tested.
Table 8. ac Measurement Conditions
Parameter
Value
Logic input timing measurement reference level
1.5 V
Logic output timing measurement reference level
1.5 V
Logic input pulse levels
0 or 3.0 V
Input rise/fall time
2 ns
Output load for low and high impedance parameters
See Figure 3A
Output load for all other timing parameters
See Figure 3B
AB
OUTPUT
RL = 50 Ω
VL = 1.5 V
ZD = 50 Ω
OUTPUT
600
Ω
725
Ω
5 pF
+3.3 V


Similar Part No. - MR4S16ACYS35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR4S16ACYS35 FREESCALE-MR4S16ACYS35 Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results

Similar Description - MR4S16ACYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR0A16A FREESCALE-MR0A16A Datasheet
219Kb / 20P
   64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
logo
Siemens Semiconductor G...
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
Samsung semiconductor
KM4216C256 SAMSUNG-KM4216C256 Datasheet
2Mb / 41P
   256K X 16 BIT CMOS VIDEO RAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com