Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA3020SYC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA3020SYC
Description  3.0x2.0mm SURFACE MOUNT LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3020SYC Datasheet(HTML) 1 Page - Kingbright Corporation

  AA3020SYC Datasheet HTML 1Page - Kingbright Corporation AA3020SYC Datasheet HTML 2Page - Kingbright Corporation AA3020SYC Datasheet HTML 3Page - Kingbright Corporation AA3020SYC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD1218
REV NO: V.2
DATE: MAR/05/2005
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.W.WANG
ERP:1201000147
Package Dimensions
3.0x2.0mm SURFACE MOUNT LED LAMP
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
AA3020SYC
SUPER BRIGHT YELLOW
Description
The Super Bright Yellow device is made with DH InGaAlP
(on GaAs substrate) light emitting diode chip.
Features
3.0MM X 2.0MM, 1.4MM HIGH, ONLY MINIMUM
SPACE REQUIRED.
SUITABLE FOR COMPACT OPTOELECTRONIC
APPLICATIONS.
LOW POWER CONSUMPTION.
PACKAGE : 2000PCS / REEL.
RoHS COMPLIANT.


Similar Part No. - AA3020SYC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3020SYCK KINGBRIGHT-AA3020SYCK Datasheet
115Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA3020SYC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3020CGCK KINGBRIGHT-AA3020CGCK Datasheet
113Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020ACGCK KINGBRIGHT-AA3020ACGCK Datasheet
331Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020APBC-Z KINGBRIGHT-AA3020APBC-Z Datasheet
250Kb / 6P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZM2BB50FS SUNLED-ZM2BB50FS Datasheet
236Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA3021SESK KINGBRIGHT-AA3021SESK Datasheet
298Kb / 6P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020AYC KINGBRIGHT-AA3020AYC Datasheet
332Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020AMGC KINGBRIGHT-AA3020AMGC Datasheet
332Kb / 5P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMG50FW SUNLED-ZMG50FW Datasheet
190Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
ZMO50FW SUNLED-ZMO50FW Datasheet
187Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA3020MBC KINGBRIGHT-AA3020MBC Datasheet
123Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020MBCK KINGBRIGHT-AA3020MBCK Datasheet
120Kb / 4P
   3.0x2.0mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com