Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR2S08AYS35 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MR2S08AYS35
Description  64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR2S08AYS35 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MR2S08AYS35 Datasheet HTML 1Page - Freescale Semiconductor, Inc MR2S08AYS35 Datasheet HTML 2Page - Freescale Semiconductor, Inc MR2S08AYS35 Datasheet HTML 3Page - Freescale Semiconductor, Inc MR2S08AYS35 Datasheet HTML 4Page - Freescale Semiconductor, Inc MR2S08AYS35 Datasheet HTML 5Page - Freescale Semiconductor, Inc MR2S08AYS35 Datasheet HTML 6Page - Freescale Semiconductor, Inc MR2S08AYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR2S08AYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR2S08AYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Electrical Specifications
MR0A16A Advanced Information Data Sheet, Rev. 0
Freescale Semiconductor
3
Electrical Specifications
Absolute Maximum Ratings
This device contains circuitry to protect the inputs against damage caused by high static voltages or
electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage
greater than maximum rated voltages to these high-impedance (Hi-Z) circuits.
The device also contains protection against external magnetic fields. Precautions should be taken to
avoid application of any magnetic field more intense than the maximum field intensity specified in the
maximum ratings.
Table 2. Operating Modes
E1
G1
W1
LB1
UB1
Mode
VDD
Current
DQL[7:0]2
DQU[15:8]2
H
XXXX
Not selected
ISB1, ISB2
Hi-Z
Hi-Z
L
H
H
X
X
Output disabled
IDDA
Hi-Z
Hi-Z
L
X
X
H
H
Output disabled
IDDA
Hi-Z
Hi-Z
L
LHLH
Lower byte read
IDDA
DOut
Hi-Z
L
L
H
H
L
Upper byte read
IDDA
Hi-Z
DOut
L
L
H
L
L
Word read
IDDA
DOut
DOut
L
X
L
L
H
Lower byte write
IDDA
DIn
Hi-Z
L
X
L
H
L
Upper byte write
IDDA
Hi-Z
DIn
L
X
L
L
L
Word write
IDDA
DIn
DIn
NOTES:
1
H = high, L = low, X = don’t care
2
Hi-Z = high impedance


Similar Part No. - MR2S08AYS35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR2S08ACTS35C FREESCALE-MR2S08ACTS35C Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR2S08ACYS35 FREESCALE-MR2S08ACYS35 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR2S08AVTS35C FREESCALE-MR2S08AVTS35C Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR2S08AVYS35 FREESCALE-MR2S08AVYS35 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results

Similar Description - MR2S08AYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com