Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTD3216SECK Datasheet(PDF) 4 Page - Kingbright Corporation

Part # APTD3216SECK
Description  3.2x1.6mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTD3216SECK Datasheet(HTML) 4 Page - Kingbright Corporation

  APTD3216SECK Datasheet HTML 1Page - Kingbright Corporation APTD3216SECK Datasheet HTML 2Page - Kingbright Corporation APTD3216SECK Datasheet HTML 3Page - Kingbright Corporation APTD3216SECK Datasheet HTML 4Page - Kingbright Corporation APTD3216SECK Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: DSAC4693
REV NO: V.6
DATE: MAY/07/2007
PAGE: 4 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203002276
APTD3216SECK
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specifications
(Units : mm)


Similar Part No. - APTD3216SECK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APTD3216SECK ETC-APTD3216SECK Datasheet
213Kb / 1P
   DOME LENS SMD CHIP LED 3216
logo
HK TO-GRACE TECHNOLOGY ...
APTD3216SECK TO-GRACE-APTD3216SECK Datasheet
797Kb / 4P
   3.2 x 1.6 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APTD3216SECK-J3-PF KINGBRIGHT-APTD3216SECK-J3-PF Datasheet
268Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APTD3216SECK-J3-PF TO-GRACE-APTD3216SECK-J3-PF Datasheet
1Mb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APTD3216SECK/J3-PF KINGBRIGHT-APTD3216SECK/J3-PF Datasheet
268Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
More results

Similar Description - APTD3216SECK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTR3216SGC KINGBRIGHT-APTR3216SGC Datasheet
128Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SGC KINGBRIGHT-APTD3216SGC Datasheet
276Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216SURCK KINGBRIGHT-APTD3216SURCK Datasheet
278Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTD3216VGC KINGBRIGHT-APTD3216VGC Datasheet
284Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
AP3216SYC KINGBRIGHT-AP3216SYC Datasheet
118Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTR3216EC KINGBRIGHT-APTR3216EC Datasheet
275Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTR3216SEC KINGBRIGHT-APTR3216SEC Datasheet
134Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
APTR3216SYCK KINGBRIGHT-APTR3216SYCK Datasheet
274Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
APTL3216ZGC KINGBRIGHT-APTL3216ZGC Datasheet
287Kb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-1206-YG2 GILWAY-GHB-1206-YG2 Datasheet
139Kb / 4P
   3.2x1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com