Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL500 Datasheet(PDF) 10 Page - Texas Instruments

Part # LL500
Description  3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LL500 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LL500 Datasheet HTML 6Page - Texas Instruments LL500 Datasheet HTML 7Page - Texas Instruments LL500 Datasheet HTML 8Page - Texas Instruments LL500 Datasheet HTML 9Page - Texas Instruments LL500 Datasheet HTML 10Page - Texas Instruments LL500 Datasheet HTML 11Page - Texas Instruments LL500 Datasheet HTML 12Page - Texas Instruments LL500 Datasheet HTML 13Page - Texas Instruments LL500 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVTH16500DGGR
DGG
56
MLA
330
24
8.6
15.8
1.8
12
24
Q1
SN74LVTH16500DLR
DL
56
MLA
330
32
11.35
18.67
3.1
16
32
Q1
SN74LVTH16500GQLR
GQL
56
HIJ
330
16
4.8
7.3
1.45
8
16
Q1
SN74LVTH16500ZQLR
ZQL
56
HIJ
330
16
4.8
7.3
1.45
8
16
Q1
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
SN74LVTH16500DGGR
DGG
56
MLA
333.2
333.2
31.75
SN74LVTH16500DLR
DL
56
MLA
336.6
342.9
41.3
SN74LVTH16500GQLR
GQL
56
HIJ
346.0
346.0
33.0
SN74LVTH16500ZQLR
ZQL
56
HIJ
346.0
346.0
33.0
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Apr-2007
Pack Materials-Page 2


Similar Part No. - LL500

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LL5221 FCI-LL5221 Datasheet
181Kb / 2P
   쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
LL5221A FCI-LL5221A Datasheet
181Kb / 2P
   쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
logo
List of Unclassifed Man...
LL5221B ETC1-LL5221B Datasheet
416Kb / 5P
   Zener diode
logo
First Components Intern...
LL5221B FCI-LL5221B Datasheet
181Kb / 2P
   쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
logo
Yangzhou yangjie electr...
LL5221B YANGJIE-LL5221B Datasheet
737Kb / 2P
   Zener diode
More results

Similar Description - LL500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16501 TI-SN54LVTH16501 Datasheet
204Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16500 TI-SN54LVTH16500 Datasheet
135Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16500 TI-SN54LVT16500_07 Datasheet
270Kb / 14P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16501 TI-SN54LVTH16501_07 Datasheet
346Kb / 14P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16500 TI-SN54LVT16500 Datasheet
152Kb / 9P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16501 TI-SN54LVT16501 Datasheet
203Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54LVTH16835 TI-SN54LVTH16835 Datasheet
121Kb / 8P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVERS WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com