Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR1A08AYS35 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MR1A08AYS35
Description  64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MR1A08AYS35 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MR1A08AYS35 Datasheet HTML 1Page - Freescale Semiconductor, Inc MR1A08AYS35 Datasheet HTML 2Page - Freescale Semiconductor, Inc MR1A08AYS35 Datasheet HTML 3Page - Freescale Semiconductor, Inc MR1A08AYS35 Datasheet HTML 4Page - Freescale Semiconductor, Inc MR1A08AYS35 Datasheet HTML 5Page - Freescale Semiconductor, Inc MR1A08AYS35 Datasheet HTML 6Page - Freescale Semiconductor, Inc MR1A08AYS35 Datasheet HTML 7Page - Freescale Semiconductor, Inc MR1A08AYS35 Datasheet HTML 8Page - Freescale Semiconductor, Inc MR1A08AYS35 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MR0A16A Advanced Information Data Sheet, Rev. 0
2
Freescale Semiconductor
Device Pin Assignment
Figure 1. Block Diagram
Device Pin Assignment
Figure 2. MR0A16A in 44-Pin TSOP Type II Package
UPPER BYTE OUTPUT ENABLE
LOWER BYTE OUTPUT ENABLE
COLUMN
DECODER
ROW
DECODER
64K x 16
BIT
MEMORY
ARRAY
FINAL
WRITE
DRIVERS
SENSE
AMPS
UPPER BYTE WRITE ENABLE
LOWER BYTE WRITE ENABLE
OUTPUT
ENABLE
BUFFER
CHIP
ENABLE
BUFFER
WRITE
ENABLE
BUFFER
BYTE
ENABLE
BUFFER
ADDRESS
BUFFERS
UPPER
BYTE
OUTPUT
BUFFER
LOWER
BYTE
OUTPUT
BUFFER
UPPER
BYTE
WRITE
DRIVER
LOWER
BYTE
WRITE
DRIVER
DQL[7:0]
DQU[15:8]
G
E
W
UB
LB
8
8
8
8
8
8
16
16
16
A[15:0]
8
8
8
8
UB
LB
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A15
A14
A13
G
UB
LB
DQU15
DQU14
DQU13
DQU12
VSS
VDD
DQU11
DQU10
DQU9
DQU8
NC
VDD
VSS
A12
A11
A10
A0
A1
A2
A3
A4
E
DQL0
DQL1
DQL2
DQL3
VDD
VSS
DQL4
DQL5
DQL6
DQL7
W
A5
A6
A7
A8
A9
Table 1. Pin Functions
Signal Name
Function
A[15:0]
Address input
E
Chip enable
W
Write enable
G
Output enable
UB
Upper byte select
LB
Lower byte select
DQL[7:0]
Data I/O, lower byte
DQU[15:8]
Data I/O, upper byte
VDD
Power supply
VSS
Ground
NC
Do not connect this pin


Similar Part No. - MR1A08AYS35

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MR1A08ACTS35C FREESCALE-MR1A08ACTS35C Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR1A08ACYS35 FREESCALE-MR1A08ACYS35 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR1A08AVTS35C FREESCALE-MR1A08AVTS35C Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR1A08AVYS35 FREESCALE-MR1A08AVYS35 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results

Similar Description - MR1A08AYS35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A_1 Datasheet
231Kb / 22P
   256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Motorola, Inc
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
MCM6343 MOTOROLA-MCM6343 Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
logo
Integrated Circuit Solu...
IS61LV6416 ICSI-IS61LV6416 Datasheet
452Kb / 8P
   64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com