Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1513ACPZ-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADAU1513ACPZ-RL
Description  Class-D Audio Power Stage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1513ACPZ-RL Datasheet(HTML) 4 Page - Analog Devices

  ADAU1513ACPZ-RL Datasheet HTML 1Page - Analog Devices ADAU1513ACPZ-RL Datasheet HTML 2Page - Analog Devices ADAU1513ACPZ-RL Datasheet HTML 3Page - Analog Devices ADAU1513ACPZ-RL Datasheet HTML 4Page - Analog Devices ADAU1513ACPZ-RL Datasheet HTML 5Page - Analog Devices ADAU1513ACPZ-RL Datasheet HTML 6Page - Analog Devices ADAU1513ACPZ-RL Datasheet HTML 7Page - Analog Devices ADAU1513ACPZ-RL Datasheet HTML 8Page - Analog Devices ADAU1513ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADAU1513
Rev. 0 | Page 4 of 16
DIGITAL I/O
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT VOLTAGE
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
OUTPUT VOLTAGE
Output Voltage High
2.4
V
@ 2 mA
Output Voltage Low
0.4
V
@ 2 mA
LEAKAGE CURRENT ON DIGITAL INPUTS
10
μA
PWM INPUT LOGIC TABLE
Table 4.
MUTE
INL+/INR+
INL−/INR−
OUTL+/OUTR+
OUTL−/OUTR−
Mode
Low
Low/High
Low/High
Off
Off
High-Z
High
Low
Low
GND
GND
Output damped
High
High
Low
PVDD
GND
Positive output
High
Low
High
GND
PVDD
Negative output
High
High
High
PVDD
PVDD
Not used
DIGITAL TIMING
Table 5.
Parameter
Min
Typ
Unit
Description
tSET
10
μs
Wait Time for Unmute
tHOLD
10
μs
Wait Time for Shutdown
tWAIT
100
ns
Wait Time for Applying Input
tPDL-H
13
ns
Propagation Delay (Low to High)
tPDH-L
13
ns
Propagation Delay (High to Low)
tOUTx +/OUTx− MUTE
600
ns
Time Delay After MUTE Held Low Until Output Stops Switching
OUTx+/OUTx–
tPDH-L
tPDL-H
STDN
MUTE
INx+/INx–
tSET
tWAIT
Figure 2. Timing Diagram Unmute
OUTx+/OUTx–
tOUTx+/OUTx– MUTE
STDN
MUTE
INx+/INx–
tHOLD
Figure 3. Timing Diagram Mute


Similar Part No. - ADAU1513ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1513 AD-ADAU1513_15 Datasheet
1Mb / 16P
   Class-D Audio Power Stage
REV. 0
More results

Similar Description - ADAU1513ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1513 AD-ADAU1513_15 Datasheet
1Mb / 16P
   Class-D Audio Power Stage
REV. 0
AD1991 AD-AD1991 Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
AD1991 AD-AD1991_15 Datasheet
206Kb / 12P
   Class D/1-Bit Audio Power Output Stage
REV. 0
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com