Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1513ACPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADAU1513ACPZ
Description  Class-D Audio Power Stage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1513ACPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAU1513ACPZ Datasheet HTML 6Page - Analog Devices ADAU1513ACPZ Datasheet HTML 7Page - Analog Devices ADAU1513ACPZ Datasheet HTML 8Page - Analog Devices ADAU1513ACPZ Datasheet HTML 9Page - Analog Devices ADAU1513ACPZ Datasheet HTML 10Page - Analog Devices ADAU1513ACPZ Datasheet HTML 11Page - Analog Devices ADAU1513ACPZ Datasheet HTML 12Page - Analog Devices ADAU1513ACPZ Datasheet HTML 13Page - Analog Devices ADAU1513ACPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADAU1513
Rev. 0 | Page 10 of 16
FREQUENCY (Hz)
–80
0
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
20
100
1k
10k
Figure 17. THD + N vs. Frequency, 1 W, 15 V, 8 Ω
FREQUENCY (Hz)
–100
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
20
100
1k
10k
LEFT TO RIGHT
RIGHT TO LEFT
Figure 18. Crosstalk, 0 dBFS, 15 V, 8 Ω
TAMBIENT (°C)
0
1
2
3
4
5
6
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160
Figure 19. Power Dissipation vs. Ambient Temperature
OUTPUT POWER (W)
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
80
90
Figure 20. Efficiency vs .Output Power, 15 V, 4 Ω
OUTPUT POWER (W)
0
5
10
15
20
25
0
10
20
30
40
50
60
70
80
100
90
Figure 21. Efficiency vs. Output Power, 15 V, 6 Ω
OUTPUT POWER (W)
0
5
10
15
20
25
0
10
20
30
40
50
60
70
80
100
90
Figure 22. Efficiency vs. Output Power, 15 V, 8 Ω


Similar Part No. - ADAU1513ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1513 AD-ADAU1513_15 Datasheet
1Mb / 16P
   Class-D Audio Power Stage
REV. 0
More results

Similar Description - ADAU1513ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1513 AD-ADAU1513_15 Datasheet
1Mb / 16P
   Class-D Audio Power Stage
REV. 0
AD1991 AD-AD1991 Datasheet
194Kb / 11P
   Class D/1-Bit Audio Power Output Stage
REV. 0
AD1991 AD-AD1991_15 Datasheet
206Kb / 12P
   Class D/1-Bit Audio Power Output Stage
REV. 0
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com