Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC7448THX1700LD Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC7448THX1700LD
Description  Hardware Specifications Addendum for the MC7448T xxnnnnmx Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7448THX1700LD Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC7448THX1700LD Datasheet HTML 1Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 2Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 3Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7448THX1700LD Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series, Rev. 2
Freescale Semiconductor
3
General Parameters
Table 7 provides the power consumption for the MPC7448 part numbers described by this document; see
Section 11.1, “Part Numbers Addressed by This Specification,” for more information. The MPC7448
RISC Microprocessor Hardware Specifications presents guidelines on the use of these parameters for
system design. For information on power consumption when dynamic frequency switching is enabled, see
Section 9.8.5, “Dynamic Frequency Switching (DFS),” in the hardware specifications.
The power consumptions provided in Table 7 represent the power consumption of each speed grade when
operated at the rated maximum core frequency (see Table 8). Freescale sorts devices by power as well as
by core frequency, and power limits for each speed grade are independent of each other. Each device is
tested at its maximum core frequency only. (Note that Deep Sleep Mode power consumption is
independent of clock frequency.) Operating a device at a frequency lower than its rated maximum is fully
supported provided the clock frequencies are within the specifications given in Table 8, and a device
operated below its rated maximum will have lower power consumption. However, inferences should not
be made about a device’s power consumption based on the power specifications of another (lower) speed
grade. For example, a 1400 MHz device operated at 1267 MHz will not exhibit the same power
consumption as a 1267 MHz device operated at 1267 MHz.
NOTE
The power consumption information in this table applies when the device
operates at the nominal core voltage indicated in Table 4. For power
consumption at derated core voltage conditions, see Section 5.3, “Voltage
and Frequency Derating.”
Table 4. Recommended Operating Conditions1
Characteristic
Symbol
Recommended Value
Unit
Notes
1000N MHz
1267N MHz3
Revision
Level C
1267N MHz3
Revision
Level D
1400N MHz3
1700L MHz
Core supply voltage
VDD
1.0 V
± 50 mV
1.1 V
± 50 mV
1.05 V
± 50 mV
1.15 V
± 50 mV
1.3 V
+20/-50 mV
V
PLL supply voltage
AVDD
1.0 V
± 50 mV
1.1 V
± 50 mV
1.05 V
± 50 mV
1.15 V
± 50 mV
1.3 V
+20/-50 mV
V2
Die-junction temperature
Tj
–40to105
–40to105
–40to105
–40to105
–40to105
•C
C
Notes:
1. These are the recommended and tested operating conditions. Some speed grades in addition support voltage derating; see
Section 5.3, “Voltage and Frequency Derating.” Proper device operation outside of these conditions and those specified in
Section 5.3, “Voltage and Frequency Derating,” is not guaranteed.
2. This voltage is the input to the filter discussed in Section 9.2.2, “PLL Power Supply Filtering,” in the hardware specifications
and not necessarily the voltage at the AVDD pin, which may be reduced from VDD by the filter.
3.
VDD and AVDD may be reduced in order to reduce power consumption if further maximum core frequency constraints are
observed. See Section 5.3, “Voltage and Frequency Derating,” for specific information.


Similar Part No. - MC7448THX1700LD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC7448THX1700LD NXP-MC7448THX1700LD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
More results

Similar Description - MC7448THX1700LD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MPC7410ECS05AD NXP-MPC7410ECS05AD Datasheet
155Kb / 12P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410RXnnnPE Series
Rev. 1.1, 04/2005
MPC7410ECS02AD NXP-MPC7410ECS02AD Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
logo
Freescale Semiconductor...
MPC8641 FREESCALE-MPC8641 Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
logo
NXP Semiconductors
MPC7410ECS08AD NXP-MPC7410ECS08AD Datasheet
463Kb / 5P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnLE Series
Rev. 1, 11/2010
MPC755ECS02AD NXP-MPC755ECS02AD Datasheet
507Kb / 8P
   MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
Rev. 2.1, 02/2006
MPC7410ECS06AD NXP-MPC7410ECS06AD Datasheet
119Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TRXnnnLE Series
Rev. 1.1, 04/2005
logo
Freescale Semiconductor...
MPC8640 FREESCALE-MPC8640 Datasheet
446Kb / 8P
   Integrated Host Processor Hardware Specifications Addendum for the MC8640xTxxyyyyaC Series
logo
NXP Semiconductors
MPC7410ECS07AD NXP-MPC7410ECS07AD Datasheet
477Kb / 6P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnNE Series
Rev. 2, 11/2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com