Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA6281QT Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA6281QT
Description  짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6281QT Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMA6281QT_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6281QT_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6281QT_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6281QT_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6281QT_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6281QT_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6281QT_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6281QT_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6281QT_07 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Sensors
8
Freescale Semiconductor
MMA6281QT
Figure 8. Stencil Design Guidelines
Stencil opening (black) for land pad (yellow)
= PCB landing pad -0.025mm
= 0.525mmx0,475mm
Package foot pirnt
Signal trace near package: 0.1mm width and
0.5mm (min) length are recommended near
package. Wider trace can be continued after
these.


Similar Part No. - MMA6281QT_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6281QT FREESCALE-MMA6281QT Datasheet
283Kb / 11P
   -2.5g - 10g Two Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6281QT NXP-MMA6281QT Datasheet
243Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
More results

Similar Description - MMA6281QT_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6271QT FREESCALE-MMA6271QT Datasheet
281Kb / 11P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6281QT NXP-MMA6281QT Datasheet
243Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
logo
Freescale Semiconductor...
MMA6271QT FREESCALE-MMA6271QT_07 Datasheet
313Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6271QT NXP-MMA6271QT Datasheet
241Kb / 12P
   짹2.5g - 10g Two Axis Low-g Micromachined Accelerometer
Rev 2, 06/2007
logo
Freescale Semiconductor...
MMA7261QT FREESCALE-MMA7261QT_07 Datasheet
336Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QT FREESCALE-MMA7261QT_08 Datasheet
195Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261QT FREESCALE-MMA7261QT Datasheet
284Kb / 11P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
MMA7261Q FREESCALE-MMA7261Q Datasheet
233Kb / 8P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7261QT NXP-MMA7261QT Datasheet
245Kb / 12P
   짹2.5g - 10g Three Axis Low-g Micromachined Accelerometer
Rev 3, 09/2007
logo
Freescale Semiconductor...
MMA6281QT FREESCALE-MMA6281QT Datasheet
283Kb / 11P
   -2.5g - 10g Two Axis Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com