Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA6270QT Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA6270QT
Description  짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6270QT Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA6270QT_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6270QT_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Sensors
6
Freescale Semiconductor
MMA6270QT
15
16
14
13
12
11
10
1
2
3
4
56
7
8
9
+X
DYNAMIC ACCELERATION
+Y
-Y
-X
Top View
16-Pin QFN Package
STATIC ACCELERATION
Direction of Earth’s gravity field.*
XOUT@ 0g = 1.65 V
YOUT @ -1g = 0.85 V
XOUT @ -1g = 0.85 V
YOUT @ 0g = 1.65 V
XOUT @ 0g = 1.65 V
YOUT @ +1g = 2.45 V
XOUT @ +1g = 2.45 V
YOUT @ 0g = 1.65 V
* When positioned as shown, the Earth’s gravity will result in a positive 1g output.
Side View
: Arrow indicates direction of mass movement.
Top View
Side View
XOUT @ 0g = 1.65 V
YOUT @ 0g = 1.65 V
XOUT @ 0g = 1.65 V
YOUT @ 0g = 1.65 V
(For reference only)
Z direction


Similar Part No. - MMA6270QT_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6270QT FREESCALE-MMA6270QT_08 Datasheet
192Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
More results

Similar Description - MMA6270QT_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6270Q FREESCALE-MMA6270Q Datasheet
129Kb / 8P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6280QT FREESCALE-MMA6280QT_08 Datasheet
191Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT Datasheet
281Kb / 11P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6270QT NXP-MMA6270QT Datasheet
242Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
Freescale Semiconductor...
MMA6280QT FREESCALE-MMA6280QT Datasheet
326Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_08 Datasheet
192Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6280QT NXP-MMA6280QT Datasheet
245Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
Analog Devices
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
logo
Freescale Semiconductor...
MMA6280Q FREESCALE-MMA6280Q Datasheet
129Kb / 8P
   짹1.5g - 6g Dual Axis Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com