Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF5211LCEP66 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCF5211LCEP66
Description  ColdFire Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5211LCEP66 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF5211LCEP66 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5211LCEP66 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5211LCEP66 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5211LCEP66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5211LCEP66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5211LCEP66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5211LCEP66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5211LCEP66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5211LCEP66 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
MCF5213 ColdFire Microcontroller, Rev. 3
MCF5213 Family Configurations
Freescale Semiconductor
4
Figure 1. MCF5213 Block Diagram
1.1
Features
This document contains information on a new product under development. Freescale reserves the right to change or discontinue
this product without notice. Specifications and information herein are subject to change without notice.
1.1.1
Feature Overview
The MCF5213 family includes the following features:
Arbiter
Interrupt
Controller
UART
0
QSPI
UART
1
UART
2
I2C
DTIM
0
DTIM
1
DTIM
2
DTIM
3
V2 ColdFire CPU
IFP
OEP
MAC
4 CH DMA
MUX
JTAG
TAP
To/From PADI
32 Kbytes
SRAM
(4K
×16)×4
256 Kbytes
Flash
(32K
×16)×4
PORTS
(GPIO)
CIM
RSTI
RSTO
UTXDn
URXDn
URTSn
DTINn/DTOUTn
CANRX
JTAG_EN
ADC
AN[7:0]
VRH
VRL
PLL OCO
CLKGEN
Edge
Port
FlexCAN
EXTAL
XTAL
CLKOUT
PIT0
PIT1
GPT
PWM
To/From Interrupt Controller
CANTX
UCTSn
PMM
VSTBY
EzPort
EzPCS
CLKMOD0 CLKMOD1
QSPI_CLK,
QSPI_CSn
PWMn
QSPI_DIN,
QSPI_DOUT
GPTn
EzPCK
EzPD
EzPQ
SWT


Similar Part No. - MCF5211LCEP66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5211LCEP66 FREESCALE-MCF5211LCEP66 Datasheet
1Mb / 54P
   MCF5213 ColdFire Microcontroller
More results

Similar Description - MCF5211LCEP66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com