Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF52223 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCF52223
Description  ColdFire Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52223 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF52223_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52223_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
MCF52223 ColdFire Microcontroller, Rev. 2
MCF52223 Family Configurations
Freescale Semiconductor
4
1.1
Block Diagram
Figure 1 shows a top-level block diagram of the MCF52223. Package options for this family are described later in this
document.
Figure 1. MCF52223 Block Diagram
1.2
Features
This document contains information on a new product under development. Freescale reserves the right to change or discontinue
this product without notice. Specifications and information herein are subject to change without notice.
Arbiter
Interrupt
Controller
UART
0
QSPI
UART
1
UART
2
I2C
DTIM
0
DTIM
1
DTIM
2
DTIM
3
V2 ColdFire CPU
IFP
OEP
MAC
4 CH DMA
MUX
JTAG
TAP
To/From PADI
32 Kbytes
SRAM
(4K
×16)×4
256 Kbytes
Flash
(32K
×16)×4
PORTS
(GPIO)
CIM
RSTI
RSTO
UTXDn
URXDn
URTSn
DTINn/DTOUTn
JTAG_EN
ADC
AN[7:0]
VRH VRL
PLL OCO
CLKGEN
Edge
Port
USB OTG
EXTAL
XTAL
CLKOUT
PIT0
PIT1
GPT
PWM
To/From Interrupt Controller
UCTSn
PMM
VSTBY
EzPort
EzPCS
CLKMOD0 CLKMOD1
QSPI_CLK,
QSPI_CSn
PWMn
QSPI_DIN,
QSPI_DOUT
GPTn
EzPCK
EzPD
EzPQ
SWT


Similar Part No. - MCF52223_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223CAF66 FREESCALE-MCF52223CAF66 Datasheet
1Mb / 50P
   MCF52259 ColdFire Microcontroller
logo
NXP Semiconductors
MCF52223CAF66 NXP-MCF52223CAF66 Datasheet
1Mb / 55P
   MCF52223 ColdFire Microcontroller
Rev. 3, 3/2011
logo
Freescale Semiconductor...
MCF52223CAF80 FREESCALE-MCF52223CAF80 Datasheet
1Mb / 50P
   MCF52259 ColdFire Microcontroller
logo
NXP Semiconductors
MCF52223CAF80 NXP-MCF52223CAF80 Datasheet
1Mb / 55P
   MCF52223 ColdFire Microcontroller
Rev. 3, 3/2011
logo
Freescale Semiconductor...
MCF52223CVM66 FREESCALE-MCF52223CVM66 Datasheet
1Mb / 50P
   MCF52259 ColdFire Microcontroller
More results

Similar Description - MCF52223_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com