Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF5211 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCF5211
Description  ColdFire Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5211 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCF5211 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5211 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
MCF5213 Family Configurations
MCF5213 ColdFire Microcontroller, Rev. 3
Freescale Semiconductor
7
— Programmable center or left aligned outputs on individual channels
— Four clock sources (A, B, SA, and SB) provide for a wide range of frequencies
— Emergency shutdown
Two periodic interrupt timers (PITs)
— 16-bit counter
— Selectable as free running or count down
Software watchdog timer
— 32-bit counter
— Low-power mode support
Clock generation features
— One to 48 MHz crystal, 8 MHz on-chip relaxation oscillator, or external oscillator reference options
— Trimmed relaxation oscillator
— Two to 10 MHz reference frequency for normal PLL mode with a pre-divider programmable from 1 to 8
— System can be clocked from PLL or directly from crystal oscillator or relaxation oscillator
— Low power modes supported
—2n (n
≤ 0 ≤ 15) low-power divider for extremely low frequency operation
Interrupt controller
— Uniquely programmable vectors for all interrupt sources
— Fully programmable level and priority for all peripheral interrupt sources
— Seven external interrupt signals with fixed level and priority
— Unique vector number for each interrupt source
— Ability to mask any individual interrupt source or all interrupt sources (global mask-all)
— Support for hardware and software interrupt acknowledge (IACK) cycles
— Combinatorial path to provide wake-up from low-power modes
DMA controller
— Four fully programmable channels
— Dual-address transfer support with 8-, 16-, and 32-bit data capability, along with support for 16-byte (4
×32-bit)
burst transfers
— Source/destination address pointers that can increment or remain constant
— 24-bit byte transfer counter per channel
— Auto-alignment transfers supported for efficient block movement
— Bursting and cycle steal support
— Software-programmable DMA requesters for the UARTs (3) and 32-bit timers (4)
Reset
— Separate reset in and reset out signals
— Seven sources of reset:
Power-on reset (POR)
External
–Software
Watchdog
Loss of clock
Loss of lock
Low-voltage detection (LVD)
— Status flag indication of source of last reset
Chip integration module (CIM)


Similar Part No. - MCF5211

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5211 FREESCALE-MCF5211 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF5211CAE66 FREESCALE-MCF5211CAE66 Datasheet
1Mb / 54P
   MCF5213 ColdFire Microcontroller
MCF5211CEP66 FREESCALE-MCF5211CEP66 Datasheet
1Mb / 54P
   MCF5213 ColdFire Microcontroller
MCF5211LCEP66 FREESCALE-MCF5211LCEP66 Datasheet
1Mb / 54P
   MCF5213 ColdFire Microcontroller
More results

Similar Description - MCF5211

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com