Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGF0921A Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # MGF0921A
Description  L & S BAND GaAs FET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF0921A Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button MGF0921A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF0921A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF0921A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGF0921A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MGF0921A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MGF0921A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MGF0921A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MGF0921A Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MGF0921A Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MGF0921A RF TEST DATA(CW)
VD=10V,IDQ=0.5A
Gp,Po,Id(RF),Ig(RF) v.s. Pin
MITSUBISHI ELECTRIC CORPORATION
Mar./2005
(6/24)
Gp v.s. Pin
freq.=2.17GHz
12
13
14
15
16
17
18
19
20
-5
0
5
10 15 20 25
Pin(dBm)
Tc=80deg.C
Tc=25deg.C
Tc=-20deg.C
Po v.s. Pin
freq.=2.17GHz
15
17
19
21
23
25
27
29
31
33
35
37
-5
0
5
10
15 20
25
Pin(dBm)
Tc=80deg.C
Tc=25deg.C
Tc=-20deg.C
Id(RF) v.s. Pin
freq.=2.17GHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-5
0
5
10 15 20 25
Pin(dBm)
Tc=80deg.C
Tc=25deg.C
Tc=-20deg.C
Ig(RF) v.s. Pin
freq.=2.17GHz
-3
-2
-1
0
1
2
3
4
-5
0
5
10 15 20 25
Pin(dBm)
Tc=80deg.C
Tc=25deg.C
Tc=-20deg.C


Similar Part No. - MGF0921A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0921A MITSUBISHI-MGF0921A Datasheet
220Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0921A MITSUBISHI-MGF0921A_11 Datasheet
220Kb / 4P
   High-power GaAs FET (small signal gain stage)
More results

Similar Description - MGF0921A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0953P MITSUBISHI-MGF0953P Datasheet
217Kb / 4P
   L & S BAND GaAs FET
MGF0912A MITSUBISHI-MGF0912A Datasheet
28Kb / 3P
   L & S BAND GaAs FET
MGF0915A MITSUBISHI-MGF0915A_03 Datasheet
46Kb / 3P
   L & S BAND GaAs FET
MGF0918A MITSUBISHI-MGF0918A_04 Datasheet
47Kb / 4P
   L & S BAND GaAs FET
MGF0904A MITSUBISHI-MGF0904A_1 Datasheet
372Kb / 4P
   L,S BAND POWER GaAs FET
MGF0907B MITSUBISHI-MGF0907B_1 Datasheet
455Kb / 4P
   L,S BAND POWER GaAs FET?
MGF0910A MITSUBISHI-MGF0910A_1 Datasheet
207Kb / 4P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A_1 Datasheet
36Kb / 4P
   L, S BAND POWER GaAs FET
MGF0910A MITSUBISHI-MGF0910A Datasheet
26Kb / 3P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A Datasheet
23Kb / 3P
   L, S BAND POWER GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com