Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37941X1682K060 Datasheet(PDF) 6 Page - EPCOS

Part # B37941X1682K060
Description  Multilayer ceramic capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37941X1682K060 Datasheet(HTML) 6 Page - EPCOS

Back Button B37941X1682K060 Datasheet HTML 2Page - EPCOS B37941X1682K060 Datasheet HTML 3Page - EPCOS B37941X1682K060 Datasheet HTML 4Page - EPCOS B37941X1682K060 Datasheet HTML 5Page - EPCOS B37941X1682K060 Datasheet HTML 6Page - EPCOS B37941X1682K060 Datasheet HTML 7Page - EPCOS B37941X1682K060 Datasheet HTML 8Page - EPCOS B37941X1682K060 Datasheet HTML 9Page - EPCOS B37941X1682K060 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Multilayer ceramic capacitor
B37941X
MLSC series
MLSC 0805, 50 V and 100 V
MLSC design
The MLSC is characterised by a serial capacitor design (see pictures below). The design of the components
reduces drastically the probability of short circuits in case of flex cracks.
Crack formation in a standard MLCC:
Crack formation in a MLSC:
KKE0387-F-E
Termination
Solder
Crack
KKE0383-H-E
Termination
Solder
Crack
Features
Two capacitors are serial connected in one multilayer ceramic capacitor
Reduced probability of shorts after flex cracking
Evaluation criteria: Insulation resistance >10 k
Ω after the following treatment
1. Bending till flex crack
2. Humidity tests (85 °C/85% RH, rated voltage), 14 days
The breakdown voltage of MLSC in case of typical flex cracking is still higher than 5 times the
rated voltage.
Both the un-damaged as well as flex cracked MLSC is capable to fulfil the requirements per ISO
7637 for 12V board systems, including load-dump and jump-start requirements (24V/1h and
36V/1h).
BME technology
U Caution
It is not possible to prevent a short circuits for 100%. That means the use of MLSC does not result in 100%
failure safe mode, but in case of a crack the probability of a short cut can be much reduced.
In case of a not typical (bending) crack formation (e.g. double sided crack or extreme assembling crack) and
other mechanical or thermal damage to the capacitor a low ohmic state of the capacitor will be the result.
KB VS PE
July 2005
Please read Cautions and warnings and
Page 6 of 14
Important notes at the end of this document.


Similar Part No. - B37941X1682K060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37941X1682K060 EPCOS-B37941X1682K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
More results

Similar Description - B37941X1682K060

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com