Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33696FJAER2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC33696FJAER2
Description  PLL Tuned UHF Transceiver for Data Transfer Applications
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33696FJAER2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC33696FJAER2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33696FJAER2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33696FJAER2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33696FJAER2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33696FJAER2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33696FJAER2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33696FJAER2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33696FJAER2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33696FJAER2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Supply Voltage Monitoring and Reset
MC33696 Data Sheet, Rev. 9
Freescale Semiconductor
7
Figure 2. Wiring Diagrams
A second voltage regulator supplies the digital part. This regulator is powered from pin VCCDIG and its
output is connected to VCCDIG2. An external capacitor must be inserted between VCCDIG2 and
GNDDIG, for decoupling. The supply voltage VCCDIG2 is equal to 1.6 V. In standby mode, this voltage
regulator goes into an ultra-low-power mode, but VCCDIG2 = 0.7 x VCCDIG. This enables the internal
registers to be supplied, allowing configuration data to be saved.
7
Supply Voltage Monitoring and Reset
At power-on, an internal reset signal is generated. All registers are reset.
When the LVDE bit is set, the low-voltage detection module is enabled. This block compares the supply
voltage on VCCINOUT with a reference level of about 1.8 V. If the voltage on VCCINOUT drops below
1.8 V, status bit LVDS is set. The information in status bit LVDS is latched and reset after a read access.
NOTE
If LVDE = 1, the LVD module remains enabled. The circuit cannot be put
in standby mode, but remains in LVD mode with a higher quiescent current,
due to the monitoring circuitry. LVD function is not accurate in standby
mode.
8
Receiver Functional Description
The receiver is based on a superheterodyne architecture with an intermediate frequency (IF) of 1.5 MHz
(see Figure 1). Its input is connected to the RFIN pin. Frequency down conversion is done by a high-side
3V Operation
5V Operation
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
RSSIOUT
VCC2RF
RFIN
GNDLNA
VCC2VCO
GNDPA1
RFOUT
GNDPA2
SEB
SCLK
MOSI
MISO
CONFB
DATACLK
RSSIC
GNDDIG
VCC2
U11
MC33696
VCC2
3 V
VCC2
VCC2
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
RSSIOUT
VCC2RF
RFIN
GNDLNA
VCC2VCO
GNDPA1
RFOUT
GNDPA2
SEB
SCLK
MOSI
MISO
CONFB
DATACLK
RSSIC
GNDDIG
VCC2
U11
MC33696
VCC2
5 V
VCC2
VCC2


Similar Part No. - MC33696FJAER2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33696FJAER2 NXP-MC33696FJAER2 Datasheet
1Mb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
Rev. 12, 02/2010
More results

Similar Description - MC33696FJAER2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33696 NXP-MC33696 Datasheet
1Mb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
Rev. 12, 02/2010
logo
Freescale Semiconductor...
MC33696 FREESCALE-MC33696_10 Datasheet
1,008Kb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
logo
Motorola, Inc
MC33492 MOTOROLA-MC33492 Datasheet
849Kb / 16P
   PLL Tuned UHF Transmitter for Data Transfer Applications
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com