Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33696FCAE Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC33696FCAE
Description  PLL Tuned UHF Transceiver for Data Transfer Applications
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33696FCAE Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33696FCAE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33696FCAE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33696FCAE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33696FCAE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33696FCAE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33696FCAE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33696FCAE Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33696FCAE Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33696FCAE Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Frequency Planning
MC33696 Data Sheet, Rev. 9
Freescale Semiconductor
9
10
Frequency Planning
10.1 Clock Generator
All clocks running in the circuit are derived from the reference frequency provided by the crystal oscillator
(frequency fref, period tref). The crystal frequency is chosen in relation to the band in which the MC33696
has to operate. Table 4 shows the value of the CF bits.
10.2 Intermediate Frequency
The IF filter is controlled by the crystal oscillator to guarantee the frequency over temperature and voltage
range. The IF filter center frequency, FIF, can be computed using the crystal frequency fref and the value
of the CF bits:
If CF[0] = 0 : FIF = fref/9*1.5/2
If CF[0] = 1 : FIF = fref/12*1.5/2
The cut-off frequency given in the parametric section can be computed by scaling to the FIF.
Example 1. Cut-off Frequency Computation
Compute the low cut-off frequency of the IF filter for a 16.9683 MHz crystal oscillator. For this
reference frequency, FIF = 1.414 MHz.
So, the 1.3751 MHz low cut-off frequency specified for a 1.5 MHz IF frequency becomes
1.3751*1.414/1.5 = 1.296 MHz
10.3 Frequency Synthesizer Description
The frequency synthesizer consists of a local oscillator (LO) driven by a fractional N phase locked loop
(PLL).
The LO is an integrated LC voltage controlled oscillator (VCO) operating at twice the RF frequency (for
the 868 MHz frequency band) or four times the RF frequency (for the 434 MHz and 315 MHz frequency
bands). This allows the I/Q signals driving the mixer to be generated by division.
Table 4. Crystal Frequency and CF Values Versus Frequency Band
RF
Frequency
(MHz)
CF1
CF0
LOF1
LOF0
FREF (Crystal
Frequency)
(MHz)
FIF (IF
Frequency)
(MHz)
Dataclk
Divider
Fdataclk
(kHz)
Digclk
Divider
Fdigclk
(kHz)
Tdigclk
(µs)
304
0
0
0
0
16.96745
1.414
60
282.791
30
565.582
1.77
315
0
0
1
0
17.58140
1.465
60
293.023
30
586.047
1.71
426
0
1
0
1
23.74913
1.484
80
296.864
40
593.728
1.68
433.92
0
1
0
1
24.19066
1.512
80
302.383
40
604.767
1.65
868.3
1
1
0
1
24.16139
1.510
80
302.017
40
604.035
1.66
916.5
1
1
1
1
25.50261
1.594
80
318.783
40
637.565
1.57
1. Refer to parameter 3.3 found in Section 19.1, “General Parameters.”


Similar Part No. - MC33696FCAE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33696FCAE NXP-MC33696FCAE Datasheet
1Mb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
Rev. 12, 02/2010
logo
Freescale Semiconductor...
MC33696FCAE/R2 FREESCALE-MC33696FCAE/R2 Datasheet
1,008Kb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
logo
NXP Semiconductors
MC33696FCAER2 NXP-MC33696FCAER2 Datasheet
1Mb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
Rev. 12, 02/2010
More results

Similar Description - MC33696FCAE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33696 NXP-MC33696 Datasheet
1Mb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
Rev. 12, 02/2010
logo
Freescale Semiconductor...
MC33696 FREESCALE-MC33696_10 Datasheet
1,008Kb / 80P
   PLL Tuned UHF Transceiver for Data Transfer Applications
logo
Motorola, Inc
MC33492 MOTOROLA-MC33492 Datasheet
849Kb / 16P
   PLL Tuned UHF Transmitter for Data Transfer Applications
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com