Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D3323Z-50 Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part # 3D3323Z-50
Description  MONOLITHIC TRIPLE FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3323Z-50 Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

  3D3323Z-50 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3323Z-50 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3323Z-50 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3323Z-50 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3D3323
SILICON DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC ± 3oC
Rload:
10K
Ω ± 10%
Supply Voltage (Vcc): 3.3V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.0V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
10K
470
5pf
Device
Under
Test
Digital
Scope
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 1.25 x Total Delay
Period:
PERIN = 2.5 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
OUT1
OUT2
OUT3
OUT
TRIG
IN
REF
TRIG
Figure 2: Test Setup
DEVICE UNDER
TEST (DUT)
DIGITAL SCOPE/
TIME INTERVAL COUNTER
PULSE
GENERATOR
COMPUTER
SYSTEM
PRINTER
IN3
IN2
IN1
Figure 3: Timing Diagram
tPLH
tPHL
PERIN
PWIN
tRISE
tFALL
0.6V
0.6V
1.5V
1.5V
2.4V
2.4V
1.5V
1.5V
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL
Doc #06017
DATA DELAY DEVICES, INC.
4
5/10/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 3D3323Z-50

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3324 DATADELAY-3D3324 Datasheet
243Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D3324-10 DATADELAY-3D3324-10 Datasheet
243Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D3324-100 DATADELAY-3D3324-100 Datasheet
243Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D3324-1000 DATADELAY-3D3324-1000 Datasheet
243Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D3324-15 DATADELAY-3D3324-15 Datasheet
243Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
More results

Similar Description - 3D3323Z-50

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7303 DATADELAY-3D7303 Datasheet
39Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D7323 DATADELAY-3D7323 Datasheet
256Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D7324 DATADELAY-3D7324 Datasheet
257Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D3324 DATADELAY-3D3324 Datasheet
243Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7304 DATADELAY-3D7304 Datasheet
39Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D3314 DATADELAY-3D3314 Datasheet
246Kb / 5P
   MONOLITHIC QUAD FIXED DELAY LINE (SERIES 3D3314)
3D7314 DATADELAY-3D7314 Datasheet
253Kb / 4P
   MONOLITHIC QUADRUPLE FIXED DELAY LINE (SERIES 3D7314)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com