Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

13202 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 13202
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13202 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 13202 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
MC13202 Technical Data, Rev. 1.2
Freescale Semiconductor
9
5.3
DC Electrical Characteristics
Table 3. DC Electrical Characteristics
(VBATT, VDDINT = 2.7 V, TA = 25 °C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Current (VBATT + VDDINT)
Off1
Hibernate1
Doze (No CLKO)1 2
Idle
Transmit Mode (0 dBm nominal output power)
Receive Mode
1 To attain specified low power current, all GPIO and other digital IO must be handled properly. See Section 8.3, “Low
Power Considerations”.
2 CLKO frequency at default value of 32.786 kHz.
Ileakage
ICCH
ICCD
ICCI
ICCT
ICCR
-
-
-
-
-
-
0.2
1.0
35
500
30
37
1.0
6.0
102
800
35
42
µA
µA
µA
µA
mA
mA
Input Current (VIN = 0 V or VDDINT) (All digital inputs)
IIN
--
±1
µA
Input Low Voltage (All digital inputs)
VIL
0-
30%
VDDINT
V
Input High Voltage (all digital inputs)
VIH
70%
VDDINT
-VDDINT
V
Output High Voltage (IOH = -1 mA) (All digital outputs)
VOH
80%
VDDINT
-VDDINT
V
Output Low Voltage (IOL = 1 mA) (All digital outputs)
VOL
0-
20%
VDDINT
V


Similar Part No. - 13202

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
13202 FREESCALE-13202 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
logo
Turck, Inc.
13202 TURCK-13202 Datasheet
153Kb / 2P
   Inductive Sensor
11/07/2023
More results

Similar Description - 13202

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
340Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_08 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_08 Datasheet
379Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com