Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S908QC8MDTE Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # S908QC8MDTE
Description  Microcontrollers
Download  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S908QC8MDTE Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  S908QC8MDTE Datasheet HTML 1Page - Freescale Semiconductor, Inc S908QC8MDTE Datasheet HTML 2Page - Freescale Semiconductor, Inc S908QC8MDTE Datasheet HTML 3Page - Freescale Semiconductor, Inc S908QC8MDTE Datasheet HTML 4Page - Freescale Semiconductor, Inc S908QC8MDTE Datasheet HTML 5Page - Freescale Semiconductor, Inc S908QC8MDTE Datasheet HTML 6Page - Freescale Semiconductor, Inc S908QC8MDTE Datasheet HTML 7Page - Freescale Semiconductor, Inc S908QC8MDTE Datasheet HTML 8Page - Freescale Semiconductor, Inc S908QC8MDTE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 274 page
background image
Revision History
MC68HC908QC16 • MC68HC908QC8 • MC68HC908QC4 Data Sheet, Rev. 3
4
Freescale Semiconductor
The following revision history table summarizes changes contained in this document. For your
convenience, the page number designators have been linked to the appropriate location.
Revision History
Date
Revision
Level
Description
Page
Number(s)
April, 2006
1.0
Initial release
N/A
May, 2006
1.1
19.5 5-V DC Electrical Characteristics — Updated values
237
19.8 3.3-V DC Electrical Characteristics — Updated values
240
19.11 Oscillator Characteristics — Updated values
243
Figure 19-9. Typical 5-Volt Run Current versus Bus Frequency (25°C) and
Figure 19-10. Typical 3.3-Volt Run Current versus Bus Frequency (25°C) —
added
247
October, 2006
2.0
1.7 Unused Pin Termination — Added new section
24
11.2 Unused Pin Termination — Replaced note with new section
107
19.5 5-V DC Electrical Characteristics — New values for:
DC injection current
Low-voltage inhibit reset, trip rising voltage
237
19.8 3.3-V DC Electrical Characteristics — New values for:
DC injection current
Low-voltage inhibit reset, trip rising voltage
240
19.12 Supply Current Characteristics — New values for stop mode supply
currents at –40 to 125
°C
246
20.3 Package Dimensions — Updated package dimension drawing for the
28-lead TSSOP.
261
April, 2007
3.0
Table 1-2. Pin Functions — Added note
22
Figure 2-2. Control, Status, and Data Registers — Corrected Port C Data
Register bit PTC3
27
Chapter 3 Analog-to-Digital Converter (ADC10) Module — Renamed ADCSC
register to ADSCR to be consistent with development tools
45
Chapter 4 Configuration Registers (CONFIG1 and CONFIG2) — Changed
CGMXCLK to BUSCLKX4
60
11.3 Port A — Added information to first paragraph of note
107
11.3.1 Port A Data Register — Corrected bit designations for the first entry
under Figure 11-1. Port A Data Register (PTA).
108
11.5 Port C — Added note and corrected address location designation in last
paragraph
112
113
Chapter 13 Enhanced Serial Communications Interface (ESCI) Module —
Changed SCIBDSRC to ESCIBDSRC and CGMXCLK to BUSCLKX4
123
13.9.3 Bit Time Measurement — Corrected first sentence of listing number 1
150
Figure 18-18. Monitor Mode Entry Timing — Changed CGMXCLK to
BUSCLKX4
234


Similar Part No. - S908QC8MDTE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S908QC8MDTE FREESCALE-S908QC8MDTE Datasheet
3Mb / 274P
   Microcontrollers
S908QC8MDTE FREESCALE-S908QC8MDTE Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
S908QC8MDTER FREESCALE-S908QC8MDTER Datasheet
3Mb / 274P
   Microcontrollers
More results

Similar Description - S908QC8MDTE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com