Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D3608R-200 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D3608R-200
Description  8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3608R-200 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D3608R-200 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3608R-200 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3608R-200 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3608R-200 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D3608R-200 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D3608R-200 Datasheet HTML 6Page - Data Delay Devices, Inc. 3D3608R-200 Datasheet HTML 7Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3D3608 & 3D3612
APPLICATION NOTES
GENERAL INFORMATION
Figure 1 illustrates the main functional blocks of
the 3D3608 & 3D3612. Since these devices are
CMOS designs, all unused input pins must be
returned to well-defined logic levels, VDD or
Ground.
The pulse generator architecture is comprised of
a number of delay cells (for fine control) and an
oscillator & counter (for coarse control). Each
device is individually trimmed for maximum
accuracy and linearity throughout the address
range. The change in pulse width from one
address setting to the next is called the
increment, or LSB. It is nominally equal to the
device dash number. The minimum pulse width,
achieved by setting the address to zero, is called
the inherent pulse width.
For best performance, it is essential that the
power supply pin be adequately bypassed and
filtered. In addition, the power bus should be of
as low an impedance construction as possible.
Power planes are preferred. Also, signal traces
should be kept as short as possible.
PULSE WIDTH ACCURACY
There are a number of ways of characterizing the
pulse width accuracy of a programmable pulse
generator. The first is the differential nonlinearity
(DNL), also referred to as the increment error. It
is defined as the deviation of the increment at a
given address from its nominal value. For most
dash numbers, the DNL is within 0.5 LSB at
every address (see Table 1: Pulse Width Step).
The integrated nonlinearity (INL) is determined
by first constructing the least-squares best fit
straight line through the pulse-width-versus-
address data. The INL is then the deviation of a
given width from this line. For all dash numbers,
the INL is within 1.0 LSB at every address.
The relative error is defined as follows:
erel = (tPW – tinh) – addr * tinc
where addr is the address, tPW is the measured
width at this address, tinh is the measured
inherent width, and tinc is the nominal increment.
It is very similar to the INL, but simpler to
calculate. For most dash numbers, the relative
error is less than 1.0 LSB at every address (see
Table 1).
The absolute error is defined as follows:
eabs = tPW – (tinh + addr * tinc)
where tinh is the nominal inherent delay. The
absolute error is limited to 1.5 LSB or 3.0 ns,
whichever is greater, at every address.
The inherent pulse width error is the deviation of
the inherent width from its nominal value. It is
limited to 2.0 ns from the nominal inherent pulse
width of 10 ns.
PULSE WIDTH STABILITY
The characteristics of CMOS integrated circuits
are strongly dependent on power supply and
temperature. The 3D3608 & 3D3612 utilize novel
compensation circuitry to minimize the
performance variations induced by fluctuations in
power supply and/or temperature.
With regard to stability, the output pulse width of
the 3D3608 & 3D3612 at a given address, addr,
can be split into two components: the inherent
pulse width (tinh) and the relative pulse width (tPW
- tinh). These components exhibit very different
stability coefficients, both of which must be
considered in very critical applications.
The thermal coefficient of the relative pulse width
is limited to
±250 PPM/C (except for the -0.25),
which is equivalent to a variation, over the -40C
to 85C operating range, of
±1.5% (±9% for the
dash 0.25) from the room-temperature pulse
width. This holds for all dash numbers. The
thermal coefficient of the inherent pulse width is
nominally +20ps/C for dash numbers less than 5,
and +30ps/C for all other dash numbers.
The power supply sensitivity of the relative pulse
width is
±1.0% (±3.0% for the dash 0.25) over the
3.0V to 3.6V operating range, with respect to the
pulse width at the nominal 3.3V power supply.
This holds for all dash numbers. The sensitivity of
the inherent pulse width is nominally -5ps/mV for
all dash numbers.
It should also be noted that the DNL is also
adversely affected by thermal and supply
variations, particularly at the MSL/LSB
crossovers (ie, 63 to 64, 127 to 128, etc).
Doc #06010
DATA DELAY DEVICES, INC.
2
5/8/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 3D3608R-200

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622D-0.25 DATADELAY-3D3622D-0.25 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622D-0.4 DATADELAY-3D3622D-0.4 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622D-0.5 DATADELAY-3D3622D-0.5 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622D-1 DATADELAY-3D3622D-1 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
More results

Similar Description - 3D3608R-200

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7608 DATADELAY-3D7608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
logo
National Semiconductor ...
COP888GW NSC-COP888GW Datasheet
471Kb / 44P
   8-Bit Microcontroller with Pulse Train Generators
logo
Data Delay Devices, Inc...
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG38F DATADELAY-PPG38F Datasheet
42Kb / 5P
   8-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG38F)
logo
National Semiconductor ...
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
   8-Bit Programmable
logo
Nippon Pulse America, I...
PCL NPM-PCL Datasheet
809Kb / 4P
   Programmable Pulse Generators PCL/PCD Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com