Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC56F8323VFBE Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC56F8323VFBE
Description  16-bit Digital Signal Controllers
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8323VFBE Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC56F8323VFBE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8323VFBE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8323VFBE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8323VFBE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8323VFBE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC56F8323VFBE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC56F8323VFBE Datasheet HTML 11Page - Freescale Semiconductor, Inc MC56F8323VFBE Datasheet HTML 12Page - Freescale Semiconductor, Inc MC56F8323VFBE Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 140 page
background image
Device Description
56F8323 Technical Data, Rev. 17
Freescale Semiconductor
9
Preliminary
1.1.5
Energy Information
Fabricated in high-density CMOS with 5V tolerant, TTL-compatible digital inputs
On-board 3.3V down to 2.6V voltage regulator for powering internal logic and memories
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
Wait and Stop modes available
ADC smart power management
Each peripheral can be individually disabled to save power
1.2 Device Description
The 56F8323 and 56F8123 are members of the 56800E core-based family of controllers. Each combines,
on a single chip, the processing power of a Digital Signal Processor (DSP) and the functionality of a
microcontroller with a flexible set of peripherals to create an extremely cost-effective solution. Because
of their low cost, configuration flexibility, and compact program code, the 56F8323 and 56F8123 are
well-suited for many applications. The devices include many peripherals that are especially useful for
automotive control (56F8323 only); industrial control and networking; motion control; home appliances;
general purpose inverters; smart sensors; fire and security systems; power management; and medical
monitoring applications.
The 56800E core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The MCU-style programming model
and optimized instruction set allow straightforward generation of efficient, compact DSP and control
code. The instruction set is also highly efficient for C Compilers to enable rapid development of
optimized control applications.
The 56F8323 and 56F8123 support program execution from internal memories. Two data operands can be
accessed from the on-chip data RAM per instruction cycle. These devices also provide one external
dedicated interrupt line and up to 27 General Purpose Input/Output (GPIO) lines, depending on peripheral
configuration.
1.2.1
56F8323 Features
The 56F8323 controller includes 32KB of Program Flash and 8KB of Data Flash, each programmable
through the JTAG port, with 4KB of Program RAM and 8KB of Data RAM. A total of 8KB of Boot Flash
is incorporated for easy customer inclusion of field-programmable software routines that can be used to
program the main Program and Data Flash memory areas. Both Program and Data Flash memories can be
independently bulk erased or erased in pages. Program Flash page erase size is 1KB. Boot and Data Flash
page erase size is 512 bytes. The Boot Flash memory can also be either bulk or page erased.
A key application-specific feature of the 56F8323 is the inclusion of one Pulse Width Modulator (PWM)
module. This module incorporates three complementary, individually programmable PWM signal output
pairs and is also capable of supporting six independent PWM functions to enhance motor control
functionality. Complementary operation permits programmable dead time insertion, distortion correction
via current sensing by software, and separate top and bottom output polarity control. The up-counter value
is programmable to support a continuously variable PWM frequency. Edge-aligned and center-aligned


Similar Part No. - MC56F8323VFBE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC56F8323VFB60 MOTOROLA-MC56F8323VFB60 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
More results

Similar Description - MC56F8323VFBE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com