Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D3608R-10 Datasheet(PDF) 5 Page - Data Delay Devices, Inc.

Part # 3D3608R-10
Description  8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3608R-10 Datasheet(HTML) 5 Page - Data Delay Devices, Inc.

  3D3608R-10 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3608R-10 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3608R-10 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3608R-10 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D3608R-10 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D3608R-10 Datasheet HTML 6Page - Data Delay Devices, Inc. 3D3608R-10 Datasheet HTML 7Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3D3608 & 3D3612
DEVICE SPECIFICATIONS
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Input Pin Current
IIN
-10
10
mA
25C
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(-40C to 85C, 3.0V to 3.6V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Static Supply Current*
IDD
8.0
12.0
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
1.0
µA
VIH = VDD
Low Level Input Current
IIL
1.0
µA
VIL = 0V
High Level Output
Current
IOH
-35.0
-4.0
mA
VDD = 3.0V
VOH = 2.4V
Low Level Output Current
IOL
4.0
15.0
mA
VDD = 3.0V
VOL = 0.4V
Output Rise & Fall Time
TR & TF
2.0
2.5
ns
CLD = 5 pf
*IDD(Dynamic) = 2 * CLD * VDD * F
Input Capacitance = 5 pf typical
where: CLD = Average capacitance load/output (pf)
Output Load Capacitance (CLD) = 25 pf max
F = Trigger frequency (GHz)
TABLE 4: AC ELECTRICAL CHARACTERISTICS
(-40C to 85C, 3.0V to 3.6V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
REFER TO
Trigger Width
tTW
5
ns
Figure 2 & 3
Trigger Inherent Delay
tID
5
ns
Figure 2 & 3
Output Pulse Width
tPW
ns
Figure 2
Re-trigger Time
tRTO
3
ns
Figure 2
Reset Width
tRW
TBD
ns
Figure 3
Reset to Output Low
tRD
5
ns
Figure 3
End of Reset to Next Trigger
tRTR
3
ns
Figure 3
AE Width
tAW
12
ns
Figure 4
Data Setup to AE Low
tDS
10
ns
Figure 4
Data Hold from AE Low
tDH
3
ns
Figure 4
Output Low to AE High
tOA
3
ns
Figure 4
Data Valid to Trigger
tAT1
10
ns
Figure 4
AE High to Trigger
tAT2
10
ns
Figure 4
Doc #06010
DATA DELAY DEVICES, INC.
5
5/8/2006
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 3D3608R-10

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622D-0.25 DATADELAY-3D3622D-0.25 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622D-0.4 DATADELAY-3D3622D-0.4 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622D-0.5 DATADELAY-3D3622D-0.5 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D3622D-1 DATADELAY-3D3622D-1 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
More results

Similar Description - 3D3608R-10

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7608 DATADELAY-3D7608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
logo
National Semiconductor ...
COP888GW NSC-COP888GW Datasheet
471Kb / 44P
   8-Bit Microcontroller with Pulse Train Generators
logo
Data Delay Devices, Inc...
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG38F DATADELAY-PPG38F Datasheet
42Kb / 5P
   8-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG38F)
logo
National Semiconductor ...
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
logo
B&K Precision Corporati...
4033 BK-4033 Datasheet
326Kb / 3P
   50 MHz Programmable Pulse Generators
logo
Data Delay Devices, Inc...
3D3622 DATADELAY-3D3622 Datasheet
339Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
   8-Bit Programmable
logo
Nippon Pulse America, I...
PCL NPM-PCL Datasheet
809Kb / 4P
   Programmable Pulse Generators PCL/PCD Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com