Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF-27WXE-M31ZA180 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # MF-27WXE-M31ZA180
Description  100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WXE-M31ZA180 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button MF-27WXE-M31ZA180 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA180 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA180 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA180 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA180 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA180 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA180 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA180 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA180 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
UQ9-06-010
Ed:1.4
Date:02.Nov.2006
Page 7 of 14
MITSUBISHI (OPTICAL DEVICES)
MF-27WXE Series
100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
9. Pin Descriptions
Pin No.
Function
I/O
Pin description
1,17,20
TX GND
I
These pins are the Transmitter ground connections.
They should be connected to a low impedance ground plane (0V).
9,10,
11,14
RX GND
I
These pins are the Receiver ground connections.
They should be connected to a low impedance ground plane (0V).
16
TX Vcc *
I
This is the power supply pin for the Transceiver part.
It should be connected to +3.3V.
Recommended power supply decoupling. (See Figure 8)
15
RX Vcc *
I
This is the power supply pin for the Receiver part.
It should be connected to +3.3V.
Recommended power supply decoupling. (See Figure 8)
* Both TX Vcc and RX Vcc have been internally connected due to supply of
control circuit Vcc.
18,19
TD+ / TD-
I
This data input pin modulates the laser diode. When the TD+ input is asserted,
the laser diode is turned on.
They are internally AC-coupled into an equivalent load of RI differential, as
shown in Figure 8.
3
TX_DISABLE
I
Active high TTL input, with internal 7.4k ohm pull-up resistor to Vcc.
Asserting the transmitter disable will deactivate the laser within the assert time.
Table 1 indicates the timing of TX_DISABLE.
12,13
RD+ / RD-
O
Received Data Out and Inverted Received Data Out are differential serial
output from the receiver.
These are AC-coupled 100 ohm differential lines which should be terminated
with a 100 ohm (differential) at the user SERDES, as shown in Figure 8. AC
coupling is done inside the module and is thus not required on the host board.
8
RX_LOS
O
Active high open collector/drain output that indicates a loss-of-signal condition
(LOS). When the average optical power received by the module is below the
Assert Level, RX_LOS is indicated.
Table 1 indicates the timing of RX_LOS. RX_LOS requires a 4.7k to 10k ohm
pull-up resistor external to the module, i.e., in the host system Host_Vcc, as
shown in Figure 8.
The pull-up voltage is between 2.0 V and VccR (VccT) + 0.3 V.
2
TX_FAULT
O
Active high open collector/drain output that indicates a fault in the module.
This can be failure of the laser diode. Under this condition, TX_FAULT will
activate and be latched. And then the laser will be deactivated within the assert
time.
TX_FAULT also requires a 4.7k to 10k ohm pull-up resistor externally, i.e. in
the host system Host_Vcc, as shown in Figure 8.
The pull-up voltage is between 2.0 V and VccT (VccR) +0.3V.
Toggling TX_DISABLE high for at least t_reset can reset it.
See Figure 8 and Figure 5.
6,5,4
MOD_DEF
[0:2]
-
This module has a serial ID function, which provides information about the
transceiver’s capabilities, standard interfaces, manufacturer and other
information.
This function is provided via a two wire serial EEPROM interface.
MOD_DEF[0] is connected to ground inside the module.(LOW)
MOD_DEF[1] is the serial clock signal input.(SCL)
MOD_DEF[2] is the data output/input.(SDA)
They should be pulled up with 4.7Kohm -10Kohm resistor on the host board.
The pull-up voltage shall be VccT or VccR.
The serial ID definitions are as given in the “SFP-MSA” standard.
7
NUC
-
These pins are No User Connection and should be left open.


Similar Part No. - MF-27WXE-M31ZA180

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WXE-M31ZA180

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FTLX3671MTC20 FINISAR-FTLX3671MTC20 Datasheet
502Kb / 14P
   Industrial Temperature DWDM 10G Multi-Rate, 40km SFP Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com